Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2761A Datasheet (PDF) - Renesas Technology Corp

MK2761A Datasheet PDF - Renesas Technology Corp
Part # MK2761A
Download  MK2761A Download
File Size   343.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SET-TOP CLOCK SOURCE

MK2761A Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2761A Datasheet PDF - Renesas Technology Corp

Part # MK2761A
Download  MK2761A Click to download

File Size   343.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SET-TOP CLOCK SOURCE

MK2761A Datasheet (HTML) - Renesas Technology Corp


MK2761A Product details

Features
• Packaged in a 16-pin narrow (150 mil) SOIC
• Pb (lead) free package
• Selectable audio sampling frequencies support 32, 44.1,
and 48 kHz in most DACs
• 27 MHz crystal or clock input
• Processor frequency of 16.67 MHz
• Fixed clocks of 27 and 3.6864 MHz
• Zero ppm in audio clocks exactly track video frequency
• 25 mA output drive capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• Operating voltage of 5.0 V ±10%




Similar Part No. - MK2761A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
MK2761AS ICST-MK2761AS Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
MK2761ASLF ICST-MK2761ASLF Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
MK2761ASLFTR ICST-MK2761ASLFTR Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
MK2761ASTR ICST-MK2761ASTR Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
More results


Similar Description - MK2761A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS615 ICST-ICS615 Datasheet
57Kb / 4P
Set-Top Box Clock Source
Revision 052098
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
VCXO and Set-Top Clock Source
Revision 102099
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com