Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2771-15 Datasheet (PDF) - Integrated Circuit Systems

MK2771-15 Datasheet PDF - Integrated Circuit Systems
Part # MK2771-15
Download  MK2771-15 Download
File Size   64.06 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO and Set-Top Clock Source

MK2771-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2771-15 Datasheet PDF - Integrated Circuit Systems

Part # MK2771-15
Download  MK2771-15 Click to download

File Size   64.06 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description VCXO and Set-Top Clock Source

MK2771-15 Datasheet (HTML) - Integrated Circuit Systems


MK2771-15 Product details

Description
The MK2771-15 is a low cost, low jitter, high performance VCXO and clock synthesizer designed for set-top boxes. The on-chip Voltage Controlled Crystal Oscillator accepts a 0 to 3V input voltage to cause the output clocks to vary by ±100 ppm. Using ICS/MicroClock’s patented VCXO and analog Phase-Locked Loop (PLL) techniques, the device uses an inexpensive 13.5 MHz pullable crystal input to produce multiple output clocks including two selectable processor clocks, a selectable audio clock, two communications clocks, and three fixed clocks. All clocks are frequency locked to the 27.00MHz output (and to each other) with zero ppm error, so any output can be used as the VCXO output.

Features
• Packaged in 28 pin SSOP (QSOP)
• Ideal for systems using Oak’s MPEG decoders
• On-chip patented VCXO with pull range of 200ppm
• VCXO tuning voltage of 0 to 3 V
• Processor frequencies include 33.3, 40, 50, 66.6, 81, and 100 MHz
• Audio clocks of 8.192 MHz, 11.2896 MHz, 12.288 MHz and 18.432 MHz
• Zero ppm synthesis error in all clocks (all exactly track 27 MHz VCXO)
• Uses an inexpensive 13.5 MHz pullable crystal
• Full CMOS output swings with 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 5 V operating voltage with 3.3 V capable I/O




Similar Part No. - MK2771-15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
More results


Similar Description - MK2771-15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
VCXO and Set-Top Clock Source
Revision 061699
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
VCXO and Set-Top Clock Source
Revision 102099
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 012098
MK3771-17 ICST-MK3771-17 Datasheet
182Kb / 8P
VCXO and HDTV Set-Top Clock Source
Revision 083104
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2771-16 RENESAS-MK2771-16 Datasheet
346Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
MK3771-17 RENESAS-MK3771-17 Datasheet
389Kb / 10P
VCXO AND HDTV SET-TOP CLOCK SOURCE
051310
MK2761A RENESAS-MK2761A Datasheet
343Kb / 8P
SET-TOP CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com