Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1709442 Datasheet (PDF) - PHOENIX CONTACT

1709442 Datasheet PDF - PHOENIX CONTACT
Part # 1709442
Download  1709442 Download
File Size   411.71 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 2-PL-2,5 BK - Printed-circuit board connector

1709442 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709442 Datasheet PDF - PHOENIX CONTACT

Part # 1709442
Download  1709442 Click to download

File Size   411.71 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 2-PL-2,5 BK - Printed-circuit board connector

1709442 Datasheet (HTML) - PHOENIX CONTACT


1709442 Product details

PCB connector, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Socket, number of potentials: 2, number of
rows: 1, number of positions: 2, number of connections: 2, product range: PTSM 0,5/..-PL, pitch:
2.5 mm, connection method: Push-in spring connection, conductor/PCB connection direction: 0
°, plug-in system: COMBICON PTSM, locking: Snap-in locking, mounting: Self-locking flange,
type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• High current carrying capacity of 6 A in very compact dimensions
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1709442

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170944 FESTO-170944 Datasheet
89Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709444 PHOENIX-1709444 Datasheet
312Kb / 10P
PTSM 0,5/ 4-PL-2,5 BK - PCB connector
More results


Similar Description - 1709442

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1015461 PHOENIX-1015461 Datasheet
120Kb / 5P
Printed-circuit board connector - PTCM 0,5/ 5-PL-2,5 WH
1015463 PHOENIX-1015463 Datasheet
120Kb / 5P
Printed-circuit board connector - PTCM 0,5/ 3-PL-2,5 WH
1015464 PHOENIX-1015464 Datasheet
120Kb / 5P
Printed-circuit board connector - PTCM 0,5/ 2-PL-2,5 WH
1709457 PHOENIX-1709457 Datasheet
106Kb / 3P
Plug - PTSM 0,5/ 2-PL-2,5 WH
1810719 PHOENIX-1810719 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI-2,5-SMD R24
1810780 PHOENIX-1810780 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI1-2,5-THR R24
1815057 PHOENIX-1815057 Datasheet
62Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI-2,5-THR R24
1815125 PHOENIX-1815125 Datasheet
64Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI0-2,5-SMD R24
1814980 PHOENIX-1814980 Datasheet
66Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI-2,5-THR WHR24
1815196 PHOENIX-1815196 Datasheet
68Kb / 3P
Printed-circuit board connector - PTSM 0,5/ 2-HHI0-2,5-SMD WHR24
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com