Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1709444 Datasheet (PDF) - PHOENIX CONTACT

1709444 Datasheet PDF - PHOENIX CONTACT
Part # 1709444
Download  1709444 Download
File Size   312.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 4-PL-2,5 BK - PCB connector

1709444 Datasheet (PDF)

Go To PDF Page Download Datasheet
1709444 Datasheet PDF - PHOENIX CONTACT

Part # 1709444
Download  1709444 Click to download

File Size   312.71 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSM 0,5/ 4-PL-2,5 BK - PCB connector

1709444 Datasheet (HTML) - PHOENIX CONTACT


1709444 Product details

PCB connector, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: PTSM 0,5/..
-PL, pitch: 2.5 mm, connection method: Push-in spring connection, conductor/PCB connection
direction: 0 °, plug-in system: COMBICON PTSM, locking: Snap-in locking, mounting method:
Latching flange, type of packaging: packed in cardboard




Similar Part No. - 1709444

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170944 FESTO-170944 Datasheet
89Kb / 2P
Guided actuator
logo
PHOENIX CONTACT
1709442 PHOENIX-1709442 Datasheet
411Kb / 15P
PTSM 0,5/ 2-PL-2,5 BK - Printed-circuit board connector
More results


Similar Description - 1709444

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771114 PHOENIX-1771114 Datasheet
140Kb / 5P
PTSM 0,5/ 4-2,5-V SMD R44
1778858 PHOENIX-1778858 Datasheet
98Kb / 4P
PTSM 0,5/ 4-P-2,5
1709457 PHOENIX-1709457 Datasheet
106Kb / 3P
Plug - PTSM 0,5/ 2-PL-2,5 WH
1709459 PHOENIX-1709459 Datasheet
106Kb / 3P
Plug - PTSM 0,5/ 3-PL-2,5 WH
1709460 PHOENIX-1709460 Datasheet
109Kb / 3P
Plug - PTSM 0,5/ 4-PL-2,5 WH
1709462 PHOENIX-1709462 Datasheet
109Kb / 3P
Plug - PTSM 0,5/ 5-PL-2,5 WH
1709463 PHOENIX-1709463 Datasheet
109Kb / 3P
Plug - PTSM 0,5/ 6-PL-2,5 WH
1709464 PHOENIX-1709464 Datasheet
109Kb / 3P
Plug - PTSM 0,5/ 7-PL-2,5 WH
1709465 PHOENIX-1709465 Datasheet
106Kb / 3P
Plug - PTSM 0,5/ 8-PL-2,5 WH
1709442 PHOENIX-1709442 Datasheet
411Kb / 15P
PTSM 0,5/ 2-PL-2,5 BK - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com