Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT150 Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BT150 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # BT150
Download  BT150 Download
File Size   391.83 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT150 Datasheet (PDF)

Go To PDF Page Download Datasheet
BT150 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # BT150
Download  BT150 Click to download

File Size   391.83 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT150 Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BT150 Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Blocking voltage to 800 V
On-state RMS current to 4 A
Ultra low gate trigger current
Features




Similar Part No. - BT150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT150 PHILIPS-BT150 Datasheet
43Kb / 6P
Thyristors logic level
October 1997 Rev 1.300
logo
Unisonic Technologies
BT150 UTC-BT150 Datasheet
191Kb / 5P
SCRs
logo
NXP Semiconductors
BT150-500R PHILIPS-BT150-500R Datasheet
43Kb / 6P
Thyristors logic level
October 1997 Rev 1.300
logo
WeEn Semiconductors
BT150-500R WEEN-BT150-500R Datasheet
407Kb / 12P
SCR
logo
NXP Semiconductors
BT150-600R PHILIPS-BT150-600R Datasheet
43Kb / 6P
Thyristors logic level
October 1997 Rev 1.300
More results


Similar Description - BT150

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT151 HAOPIN-BT151 Datasheet
464Kb / 5P
Blocking voltage to 800 V
BT151S HAOPIN-BT151S Datasheet
382Kb / 5P
Blocking voltage to 800 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
Blocking voltage to 800 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com