Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT258S Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BT258S Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # BT258S
Download  BT258S Download
File Size   358.42 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT258S Datasheet (PDF)

Go To PDF Page Download Datasheet
BT258S Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # BT258S
Download  BT258S Click to download

File Size   358.42 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 800 V

BT258S Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BT258S Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 800 V
On-state RMS current to 8 A
Ultra low gate trigger current




Similar Part No. - BT258S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT258S-800LT NXP-BT258S-800LT Datasheet
79Kb / 12P
SCR logic level, high temperature
Rev. 01-2 September 2008
logo
WeEn Semiconductors
BT258S-800LT WEEN-BT258S-800LT Datasheet
274Kb / 12P
SCR logic level, high temperature
logo
Inchange Semiconductor ...
BT258S-800LT ISC-BT258S-800LT Datasheet
268Kb / 3P
isc Thyristors
logo
NXP Semiconductors
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
Thyristors logic level
October 2002-Rev 2.000
logo
WeEn Semiconductors
BT258S-800R WEEN-BT258S-800R Datasheet
269Kb / 12P
Logic level thyristor
More results


Similar Description - BT258S

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT151 HAOPIN-BT151 Datasheet
464Kb / 5P
Blocking voltage to 800 V
BT151S HAOPIN-BT151S Datasheet
382Kb / 5P
Blocking voltage to 800 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
MCR310 HAOPIN-MCR310 Datasheet
281Kb / 4P
Blocking voltage to 800 V
TS820 HAOPIN-TS820 Datasheet
420Kb / 5P
Blocking voltage to 800 V
BT150 HAOPIN-BT150 Datasheet
391Kb / 5P
Blocking voltage to 800 V
BT258 HAOPIN-BT258 Datasheet
312Kb / 5P
Blocking voltage to 800 V
MAC4DCN HAOPIN-MAC4DCN Datasheet
495Kb / 6P
Blocking voltage to 800 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com