Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZA408B Datasheet (PDF) - Nexperia B.V. All rights reserved

BZA408B Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZA408B
Download  BZA408B Download
File Size   306.17 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple bidirectional ESD transient voltage suppressor

BZA408B Datasheet (PDF)

Go To PDF Page Download Datasheet
BZA408B Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZA408B
Download  BZA408B Click to download

File Size   306.17 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quadruple bidirectional ESD transient voltage suppressor

BZA408B Datasheet (HTML) - Nexperia B.V. All rights reserved


BZA408B Product details

FEATURES
•ESD rating >15 kV, according to IEC1000-4-2
•SOT457 surface mount package
•Non-clamping range: −5 V to +5 V
•Channel separation: >70 dB
•Low reverse current: <100 nA
•Low diode capacitance: <75 pF.
APPLICATIONS
•Protection of equipment, connected to data and transmission lines, against voltage surges caused by electrostatic discharge e.g:
–Computers and peripherals
–Audio and video equipment
–Communication systems
–Medical equipment
–Portable electronics.
DESCRIPTION
4-bit wide monolithic bidirectional ESD transient voltage suppressor in a six lead SOT457 (SC-74) package.




Similar Part No. - BZA408B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B Datasheet
74Kb / 12P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA408B NXP-BZA408B Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA408B PHILIPS-BZA408B_15 Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
More results


Similar Description - BZA408B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B Datasheet
74Kb / 12P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA408B NXP-BZA408B Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
BZA408B PHILIPS-BZA408B_15 Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
Nexperia B.V. All right...
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
Quadruple ESD transient voltage suppressor
2001 Sep 03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com