Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZA408B Datasheet (PDF) - NXP Semiconductors

BZA408B Datasheet PDF - NXP Semiconductors
Part # BZA408B
Download  BZA408B Download
File Size   136.78 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quadruple bidirectional ESD transient voltage suppressor

BZA408B Datasheet (PDF)

Go To PDF Page Download Datasheet
BZA408B Datasheet PDF - NXP Semiconductors

Part # BZA408B
Download  BZA408B Click to download

File Size   136.78 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quadruple bidirectional ESD transient voltage suppressor

BZA408B Datasheet (HTML) - NXP Semiconductors


BZA408B Product details

DESCRIPTION
4-bit wide monolithic bidirectional ESD transient voltage suppressor in a six lead SOT457 (SC-74) package.

FEATURES
• ESD rating >15 kV, according to IEC1000-4-2
• SOT457 surface mount package
• Non-clamping range: −5 V to +5 V
• Channel separation: >70 dB
• Low reverse current: <100 nA
• Low diode capacitance: <75 pF.
P

APPLICATIONS
• Protection of equipment, connected to data and transmission lines, against voltage surges caused by electrostatic discharge e.g:
    – Computers and peripherals
    – Audio and video equipment
    – Communication systems
    – Medical equipment
    – Portable electronics.




Similar Part No. - BZA408B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B Datasheet
74Kb / 12P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
Nexperia B.V. All right...
BZA408B NEXPERIA-BZA408B Datasheet
306Kb / 10P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B_15 Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
More results


Similar Description - BZA408B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA408B PHILIPS-BZA408B Datasheet
74Kb / 12P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA462A PHILIPS-BZA462A Datasheet
77Kb / 12P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA418A PHILIPS-BZA418A Datasheet
62Kb / 12P
Quadruple ESD transient voltage suppressor
2002 Sep 02
BZA456A NXP-BZA456A Datasheet
144Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA462A NXP-BZA462A Datasheet
148Kb / 10P
Quadruple ESD transient voltage suppressor
1999 May 25
BZA900A NXP-BZA900A Datasheet
165Kb / 9P
Quadruple ESD transient voltage suppressor
2001 Sep 03
BZA800A PHILIPS-BZA800A_15 Datasheet
179Kb / 11P
Quadruple ESD transient voltage suppressor
2000 Sep 25
BZA408B PHILIPS-BZA408B_15 Datasheet
136Kb / 9P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
logo
Nexperia B.V. All right...
BZA408B NEXPERIA-BZA408B Datasheet
306Kb / 10P
Quadruple bidirectional ESD transient voltage suppressor
1998 Oct 15
BZA900A_SER NEXPERIA-BZA900A_SER Datasheet
346Kb / 10P
Quadruple ESD transient voltage suppressor
2001 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com