Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3245A Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3245A Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3245A
Download  CBT3245A Download
File Size   214.81 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal bus switch

CBT3245A Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3245A Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3245A
Download  CBT3245A Click to download

File Size   214.81 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal bus switch

CBT3245A Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3245A Product details

1. General description
The CBT3245A is an 8-pole, single-throw bus switch. The device features a single output enable
input (OE) that controls eight switch channels. The switches are disabled when (OE) is HIGH. This
device is fully specified for partial power down applications using IOFF.
2. Features and benefits
• 5 Ω switch connection between two ports
• Direct interface with TTL levels
• Overvoltage tolerant control inputs to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115B exceeds 150 V
• CDM JESD22-C101C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - CBT3245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
Octal bus switch
2003 Jun 27
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
logo
NXP Semiconductors
CBT3245ABQ PHILIPS-CBT3245ABQ Datasheet
123Kb / 12P
Octal bus switch
2003 Jun 27
logo
Nexperia B.V. All right...
CBT3245ABQ-Q100 NEXPERIA-CBT3245ABQ-Q100 Datasheet
222Kb / 12P
Octal bus switch
logo
NXP Semiconductors
CBT3245AD PHILIPS-CBT3245AD Datasheet
123Kb / 12P
Octal bus switch
2003 Jun 27
More results


Similar Description - CBT3245A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
Octal bus switch
Rev. 3-5 January 2012
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com