Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT169D Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

BT169D Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # BT169D
Download  BT169D Download
File Size   211.24 Kbytes
Page   4 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

BT169D Datasheet (PDF)

Go To PDF Page Download Datasheet
BT169D Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # BT169D
Download  BT169D Click to download

File Size   211.24 Kbytes
Page   4 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 600 V

BT169D Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


BT169D Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 600 V
On-state RMS current to 0.8 A
Ultra low gate trigger current




Similar Part No. - BT169D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT169D PHILIPS-BT169D Datasheet
52Kb / 7P
Thyristor logic level
September 1997 Rev 1.200
BT169D PHILIPS-BT169D Datasheet
67Kb / 12P
Thyristors logic level
Rev. 04-23 August 2004
logo
JIEJIE MICROELECTRONICS...
BT169D JIEJIE-BT169D Datasheet
394Kb / 4P
0.8A SENSITIVE SCRs
logo
Tiger Electronic Co.,Lt...
BT169D TGS-BT169D Datasheet
152Kb / 1P
Thyristors logic level
logo
Inchange Semiconductor ...
BT169D ISC-BT169D Datasheet
97Kb / 1P
With TO-92 package
More results


Similar Description - BT169D

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
Blocking voltage to 600 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com