Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XL0840 Datasheet (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

XL0840 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
Part # XL0840
Download  XL0840 Download
File Size   397.58 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 400 V

XL0840 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL0840 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

Part # XL0840
Download  XL0840 Click to download

File Size   397.58 Kbytes
Page   5 Pages
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
Description Blocking voltage to 400 V

XL0840 Datasheet (HTML) - HAOPIN MICROELECTRONICS CO.,LTD


XL0840 Product details

Description
Glass passivated, sensitive gate thyristors in a plastic envelope, intended for use in general purpose
switching and phase control applications. These devices are intended to be interfaced directly to
microcontrollers, logic integrated circuits and other low power gate trigger circuits.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 400 V
On-state RMS current to 0.8 A
Ultra low gate trigger current




Similar Part No. - XL0840

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
SENSITIVE GATE 0.8A SCRs
Jan-2002
logo
Kersemi Electronic Co.,...
XL0840 KERSEMI-XL0840 Datasheet
399Kb / 5P
SENSITIVE GATE 0.8A SCRs
More results


Similar Description - XL0840

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MCR100-6 LEIDITECH-MCR100-6 Datasheet
410Kb / 4P
Blocking voltage to 400 V (MCR100-6)
logo
HAOPIN MICROELECTRONICS...
BTA08-600SW HAOPIN-BTA08-600SW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600SW HAOPIN-BTB06-600SW Datasheet
424Kb / 5P
Blocking voltage to 600 V
BTB08-600CW HAOPIN-BTB08-600CW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BT258S HAOPIN-BT258S Datasheet
358Kb / 5P
Blocking voltage to 800 V
CT502 HAOPIN-CT502 Datasheet
416Kb / 5P
Blocking voltage to 400 V
MCR106 HAOPIN-MCR106 Datasheet
159Kb / 4P
Blocking voltage to 400 V
CR02AM HAOPIN-CR02AM Datasheet
179Kb / 5P
Blocking voltage to 400 V
CR2AM HAOPIN-CR2AM Datasheet
277Kb / 5P
Blocking voltage to 400 V
XL1225 HAOPIN-XL1225 Datasheet
206Kb / 4P
Blocking voltage to 400 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com