Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BM Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD4052BM Datasheet PDF - Texas Instruments
Part # CD4052BM
Download  CD4052BM Download
File Size   1723.66 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion

CD4052BM Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4052BM Datasheet PDF - Texas Instruments

Part # CD4052BM
Download  CD4052BM Click to download

File Size   1723.66 Kbytes
Page   48 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion

CD4052BM Datasheet (HTML) - Texas Instruments


CD4052BM Product details

1 Features
• Wide range of digital and analog signal levels:
– Digital: 3 V to 20 V
– Analog: ≤ 20 VP-P
• Low ON resistance, 125 Ω (typical) over 15 VP-P
signal input range for VDD – VEE = 18 V
• High OFF resistance, channel leakage of
±100 pA (typical) at VDD – VEE = 18 V
• Logic-level conversion for digital addressing
signals of 3 V to 20 V (VDD – VSS = 3 V to 20
V) to switch analog signals to 20 VP-P (VDD – VEE
= 20 V) matched switch characteristics, rON = 5 Ω
(typical) for VDD – VEE = 15 V very low quiescent
power dissipation under all digital-control input and
supply conditions, 0.2 μW (typical) at
VDD – VSS = VDD – VEE = 10 V
• Binary address decoding on chip
• 5 V, 10 V, and 15 V parametric ratings
• 100% tested for quiescent current at 20 V
• Maximum input current of 1 μA at 18 V over full
package temperature range, 100 nA at 18 V and
25°C
• Break-before-make switching eliminates channel
overlap

2 Applications
• Analog and digital multiplexing and demultiplexing
• Analog to digital and digital to analog conversion
• Signal gating
• Factory automation
• Televisions
• Appliances
• Consumer audio
• Programmable logic circuits
• Sensors

3 Description
The CD405xB analog multiplexers and demultiplexers
are digitally-controlled analog switches having low ON
impedance and very low OFF leakage current. These
multiplexer circuits dissipate extremely low quiescent
power over the full VDD – VSS and VDD – VEE supplyvoltage
ranges, independent of the logic state of the
control signals.




Similar Part No. - CD4052BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4052BM NSC-CD4052BM Datasheet
189Kb / 10P
Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Texas Instruments
CD4052BM TI-CD4052BM Datasheet
430Kb / 20P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4052BM HARRIS-CD4052BM Datasheet
146Kb / 15P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4052BM TI-CD4052BM Datasheet
683Kb / 25P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052BM TI1-CD4052BM Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
More results


Similar Description - CD4052BM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Jul-2001
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Mar-2003
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
Single 8-channel analog multiplexer/demultiplexer
21-Apr-2008
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Oct-2002
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4051B TI1-CD4051B_V02 Datasheet
1Mb / 42P
CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com