Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052BM
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052BM Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4052BM Datasheet HTML 6Page - Texas Instruments CD4052BM Datasheet HTML 7Page - Texas Instruments CD4052BM Datasheet HTML 8Page - Texas Instruments CD4052BM Datasheet HTML 9Page - Texas Instruments CD4052BM Datasheet HTML 10Page - Texas Instruments CD4052BM Datasheet HTML 11Page - Texas Instruments CD4052BM Datasheet HTML 12Page - Texas Instruments CD4052BM Datasheet HTML 13Page - Texas Instruments CD4052BM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
6.6 AC Performance Characteristics – TSSOP Package
VDD = +15 V, VSS = VEE = 0 V,
TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
VIS (V)
VDD (V)
RL (kΩ)
Cutoff (–3 dB)
Frequency Channel
ON (Sine Wave
Input)
5(1)
10
1
VOS at Common OUT/IN
CD4053
30
MHz
10
1
CD4052
25
10
1
CD4051
20
VEE = VSS ,
20Log(VOS/VIS) = –3 dB
VOS at Any Channel
60
Total Harmonic
Distortion, THD
2(1)
5
10
0.3%
%
3(1)
10
10
0.2%
5(1)
15
10
0.12%
VEE = VSS, fIS = 1 kHz Sine Wave
–40 dB Feed-through
Frequency
(All Channels OFF)
5(1)
10
1
VOS at Common OUT/IN
CD4053
8
MHz
VEE = VSS ,
20Log(VOS/VIS) = –40 dB
CD4052
10
CD4051
12
VOS at Any Channel
8
–40 dB Signal
Crosstalk
Frequency
5(1)
10
1
3
MHz
VEE = VSS ,
20Log(VOS/VIS) = –3 dB
Between Sections,
CD4052 Only
Measured
on Common
6
Measured
on Any
Channel
10
Between Any Two
Sections, CD4053 Only
In Pin 2, Out
Pin 14
2.5
In Pin 15,
Out Pin 14
6
Address-or-Inhibit-to-
Signal
Crosstalk
10
10(2)
65
mVPEAK
VEE = 0, VSS = 0, tr , tf = 20 ns, mVPEAK
VCC = VDD – VSS (Square Wave)
65
mVPEAK
(1)
Peak-to-Peak voltage symmetrical about (VDD - VEE) / 2.
(2)
Both ends of channel.
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com