Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BM Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052BM
Description  CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4052BM Datasheet(HTML) 20 Page - Texas Instruments

Back Button CD4052BM Datasheet HTML 16Page - Texas Instruments CD4052BM Datasheet HTML 17Page - Texas Instruments CD4052BM Datasheet HTML 18Page - Texas Instruments CD4052BM Datasheet HTML 19Page - Texas Instruments CD4052BM Datasheet HTML 20Page - Texas Instruments CD4052BM Datasheet HTML 21Page - Texas Instruments CD4052BM Datasheet HTML 22Page - Texas Instruments CD4052BM Datasheet HTML 23Page - Texas Instruments CD4052BM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
A
B
E
1/2
CD4556
A
B
C
CD4051B
INH
A
B
C
CD4051B
INH
A
B
C
CD4051B
INH
A
B
C
D
E
Q
Q
Q
0
1
2
COMMON
Figure 7-17. 24-to-1 MUX Addressing
8 Detailed Description
8.1 Overview
The CD4051B, CD4052B, and CD4053B analog multiplexers are digitally-controlled analog switches having low
ON impedance and very low OFF leakage current. Control of analog signals up to 20 VP-P can be achieved by
digital signal amplitudes of 4.5 V to 20 V (if VDD – VSS = 3 V, a VDD – VEE of up to 13 V can be controlled; for
VDD – VEE level differences above 13 V, a VDD – VSS of at least 4.5 V is required). For example, if VDD = +4.5
V, VSS = 0 V, and VEE = –13.5 V, analog signals from –13.5 V to +4.5 V can be controlled by digital inputs of 0
V to 5 V. These multiplexer circuits dissipate extremely low quiescent power over the full VDD – VSS and VDD –
VEE supply-voltage ranges, independent of the logic state of the control signals. When a logic 1 is present at the
inhibit input terminal, all channels are off.
The CD4051B device is a single 8-channel multiplexer having three binary control inputs, A, B, and C, and an
inhibit input. The three binary signals select 1 of 8 channels to be turned on, and connect one of the 8 inputs to
the output.
The CD4052B device is a differential 4-channel multiplexer having two binary control inputs, A and B, and an
inhibit input. The two binary input signals select 1 of 4 pairs of channels to be turned on and connect the analog
inputs to the outputs.
The CD4053B device is a triple 2-channel multiplexer having three separate digital control inputs, A, B, and C,
and an inhibit input. Each control input selects one of a pair of channels which are connected in a single-pole,
double-throw configuration.
When these devices are used as demultiplexers, the CHANNEL IN/OUT terminals are the outputs and the
COMMON OUT/IN terminals are the inputs.
CD4051B, CD4052B, CD4053B
SCHS047K – AUGUST 1998 – REVISED MARCH 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: CD4051B CD4052B CD4053B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com