Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD54HC4052F Datasheet PDF - Texas Instruments
Part # CD54HC4052F
Download  CD54HC4052F Download
File Size   1328.49 Kbytes
Page   49 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers

CD54HC4052F Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC4052F Datasheet PDF - Texas Instruments

Part # CD54HC4052F
Download  CD54HC4052F Click to download

File Size   1328.49 Kbytes
Page   49 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers

CD54HC4052F Datasheet (HTML) - Texas Instruments


CD54HC4052F Product details

1 Features
1• Wide Analog Input Voltage Range: ±5-V Maximum
• Low ON-Resistance
– 70-Ω Typical (VCC – VEE = 4.5 V)
– 40-Ω Typical (VCC – VEE = 9 V)
• Low Crosstalk Between Switches
• Fast Switching and Propagation Speeds
• Break-Before-Make Switching
• Wide Operating Temperature Range:
–55°C to +125°C
• CD54HC and CD74HC Types
– Operation Control Voltage: 2 V to 6 V
– Switch Voltage: 0 V to 10 V
• CD54HCT and CD74HCT Types
– Operation Control Voltage: 4.5 V to 5.5 V
– Switch Voltage: 0 V to 10 V
– Direct LSTTL Input Logic Compatibility
VIL = 0.8-V Max, VIH = 2-V Min
– CMOS Input Compatibility
II ≤ 1 μA at VOL, VOH
• On Products Compliant to MIL-PRF-38535,
All Parameters Are Tested Unless Otherwise
Noted. On All Other Products, Production
Processing Does Not Necessarily Include Testing
of All Parameters.

2 Applications
• Digital Radio
• Signal Gating
• Factory Automation
• Televisions
• Appliances
• Programmable Logic Circuits
• Sensors

3 Description
The CDx4HC405x and CDx4HCT405x devices are
digitally controlled analog switches that use silicon
gate CMOS technology to achieve operating speeds
similar to LSTTL with the low-power consumption of
standard CMOS integrated circuits.
These analog multiplexers and demultiplexers control
analog voltages that may vary across the voltage
supply range (for example, VCC to VEE). They are
bidirectional switches that allow any analog input to
be used as an output and vice versa. The switches
have low ON resistance and low OFF leakages. In
addition, all these devices have an enable control
that, when high, disables all switches to their OFF
state.




Similar Part No. - CD54HC4052F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4052F TI-CD54HC4052F Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4052F TI-CD54HC4052F Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4052F TI-CD54HC4052F Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4052F TI-CD54HC4052F Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4052F TI-CD54HC4052F Datasheet
780Kb / 31P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results


Similar Description - CD54HC4052F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com