Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4052F
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4052F Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC4052F Datasheet HTML 1Page - Texas Instruments CD54HC4052F Datasheet HTML 2Page - Texas Instruments CD54HC4052F Datasheet HTML 3Page - Texas Instruments CD54HC4052F Datasheet HTML 4Page - Texas Instruments CD54HC4052F Datasheet HTML 5Page - Texas Instruments CD54HC4052F Datasheet HTML 6Page - Texas Instruments CD54HC4052F Datasheet HTML 7Page - Texas Instruments CD54HC4052F Datasheet HTML 8Page - Texas Instruments CD54HC4052F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
2
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
www.ti.com
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings ............................................................ 6
6.3
Recommended Operating Conditions ...................... 6
6.4
Thermal Information .................................................. 7
6.5
Electrical Characteristics: HC Devices...................... 7
6.6
Electrical Characteristics: HCT Devices ................. 10
6.7
Switching Characteristics, VCC = 5 V...................... 12
6.8
Switching Characteristics, CL = 50 pF .................... 13
6.9
Analog Channel Specifications ............................... 16
6.10
Typical Characteristics .......................................... 17
7
Parameter Measurement Information ................ 18
8
Detailed Description ............................................ 20
8.1
Overview ................................................................. 20
8.2
Functional Block Diagrams ..................................... 20
8.3
Feature Description................................................. 22
8.4
Device Functional Modes........................................ 22
9
Application and Implementation ........................ 23
9.1
Application Information............................................ 23
9.2
Typical Application ................................................. 23
10
Power Supply Recommendations ..................... 24
11
Layout................................................................... 25
11.1
Layout Guidelines ................................................. 25
11.2
Layout Example .................................................... 25
12
Device and Documentation Support ................. 26
12.1
Documentation Support ........................................ 26
12.2
Related Links ........................................................ 26
12.3
Receiving Notification of Documentation Updates 26
12.4
Community Resources.......................................... 26
12.5
Trademarks ........................................................... 26
12.6
Electrostatic Discharge Caution ............................ 26
12.7
Glossary ................................................................ 27
13
Mechanical, Packaging, and Orderable
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision L (February 2017) to Revision M
Page
•
Changed Feature From: 7-Ω Typical To: 70-Ω Typical ......................................................................................................... 1
Changes from Revision K (September 2015) to Revision L
Page
•
Changed Charged device model (CDM) value from: ±1000 V to: ±200 V ............................................................................. 6
•
Added Receiving Notification of Documentation Updates section ...................................................................................... 26
Changes from Revision J (February 2011) to Revision K
Page
•
Removed Ordering Information table. .................................................................................................................................... 1
•
Added Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table, Detailed
Description section, Applications and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ...... 1
•
Added Military Disclaimer to Features list. ............................................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com