Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4052F
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4052F Datasheet(HTML) 12 Page - Texas Instruments

Back Button CD54HC4052F Datasheet HTML 8Page - Texas Instruments CD54HC4052F Datasheet HTML 9Page - Texas Instruments CD54HC4052F Datasheet HTML 10Page - Texas Instruments CD54HC4052F Datasheet HTML 11Page - Texas Instruments CD54HC4052F Datasheet HTML 12Page - Texas Instruments CD54HC4052F Datasheet HTML 13Page - Texas Instruments CD54HC4052F Datasheet HTML 14Page - Texas Instruments CD54HC4052F Datasheet HTML 15Page - Texas Instruments CD54HC4052F Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
12
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
www.ti.com
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
(1)
CPD is used to determine the dynamic power consumption, per package. PD = CPD VCC
2 f
I + ∑ (CL + CS) VCC
2 f
O , fO = output frequency,
fI = input frequency, CL = output load capacitance, CS = switch capacitance, VCC = supply voltage
6.7 Switching Characteristics, VCC = 5 V
VCC = 5 V, TA = 25°C, input tr, tf = 6 ns
PARAMETER
TEST CONDITIONS
CL
(pF)
MIN
TYP
MAX
UNIT
tPHL, tPLH
Propagation delay
Switch IN to OUT
CDx4HC4051
15
4
ns
CDx4HCT4051
4
CDx4HC4052
4
CDx4HCT4052
4
CDx4HC4053
4
CDx4HCT4053
4
tPHZ, tPLZ
Switch turn-off (S or E)
CDx4HC4051
15
19
ns
CDx4HCT4051
19
CDx4HC4052
21
CDx4HCT4052
21
CDx4HC4053
18
CDx4HCT4053
18
tPZH, tPZL
Switch turn-on (S or E)
CDx4HC4051
15
19
ns
CDx4HCT4051
23
CDx4HC4052
27
CDx4HCT4052
29
CDx4HC4053
18
CDx4HCT4053
20
CPD
Power dissipation
capacitance(1)
CDx4HC4051
50
pF
CDx4HCT4051
52
CDx4HC4052
74
CDx4HCT4052
76
CDx4HC4053
38
CDx4HCT4053
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com