Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4052F
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4052F Datasheet(HTML) 16 Page - Texas Instruments

Back Button CD54HC4052F Datasheet HTML 12Page - Texas Instruments CD54HC4052F Datasheet HTML 13Page - Texas Instruments CD54HC4052F Datasheet HTML 14Page - Texas Instruments CD54HC4052F Datasheet HTML 15Page - Texas Instruments CD54HC4052F Datasheet HTML 16Page - Texas Instruments CD54HC4052F Datasheet HTML 17Page - Texas Instruments CD54HC4052F Datasheet HTML 18Page - Texas Instruments CD54HC4052F Datasheet HTML 19Page - Texas Instruments CD54HC4052F Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
HCT
VEE − GND (V)
8
6
4
2
0
0
−2
−4
−6
−8
HC
HCT
VCC − VEE (V)
8
6
4
2
0
0
2
4
6
8
10
12
HC
16
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
www.ti.com
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
(1)
Adjust input voltage to obtain 0 dBm at VOS for fIN = 1 MHz.
(2)
VIS is centered at (VCC – VEE) / 2.
(3)
Adjust input for 0 dBm.
6.9 Analog Channel Specifications
Typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
HC, HCT TYPES
VEE
(V)
VCC
(V)
TYP
UNIT
CI
Switch input capacitance
All
5
pF
CCOM
Common output capacitance
4051
25
pF
4052
12
4053
8
fMAX
Minimum switch frequency
response at –3 dB
(see Figure 3, Figure 5, and
Figure 7)
See Figure 10(1)(2)
4051
–2.25
2.25
145
MHz
4052
165
4053
200
4051
–4.5
4.5
180
4052
185
4053
200
Sine-wave distortion
See Figure 12
All
–2.25%
2.25%
0.035%
All
–4.5%
4.5%
0.018%
Switch OFF signal feedthrough
(see Figure 4, Figure 6, and
Figure 8)
See Figure 14(2)(3)
4051
–2.25
2.25
–73
dB
4052
–65
4053
–64
4051
–4.5
4.5
–75
4052
–67
4053
–66
Figure 1. Recommended Operating Area as a Function of (VCC – VEE)
Figure 2. Recommended Operating Area as a Function of (VEE – GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com