Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC4052F Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4052F
Description  CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4052F Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD54HC4052F Datasheet HTML 9Page - Texas Instruments CD54HC4052F Datasheet HTML 10Page - Texas Instruments CD54HC4052F Datasheet HTML 11Page - Texas Instruments CD54HC4052F Datasheet HTML 12Page - Texas Instruments CD54HC4052F Datasheet HTML 13Page - Texas Instruments CD54HC4052F Datasheet HTML 14Page - Texas Instruments CD54HC4052F Datasheet HTML 15Page - Texas Instruments CD54HC4052F Datasheet HTML 16Page - Texas Instruments CD54HC4052F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122M – NOVEMBER 1997 – REVISED MAY 2019
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053
Submit Documentation Feedback
Copyright © 1997–2019, Texas Instruments Incorporated
6.8 Switching Characteristics, CL = 50 pF
CL = 50 pF, input tr, tf = 6 ns
PARAMETER
VEE
(V)
VCC
(V)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH,
tPHL
Propagation delay,
switch in to out
0
2
TA = 25°C
HC
60
ns
TA = –40°C to +85°C
HC
75
TA = –55°C to +125°C
HC
90
0
4.5
TA = 25°C
HC, HCT
12
TA = –40°C to +85°C
HC, HCT
15
TA = –55°C to +125°C
HC, HCT
18
0
6
TA = 25°C
HC
10
TA = –40°C to +85°C
HC
13
TA = –55°C to +125°C
HC
15
–4.5
4.5
TA = 25°C
HC, HCT
8
TA = –40°C to +85°C
HC, HCT
10
TA = –55°C to +125°C
HC, HCT
12
tPHZ,
tPLZ
Maximum
switch turn
OFF delay
from S or E
to switch output
4051
0
2
TA = 25°C
HC
225
ns
TA = –40°C to +85°C
HC
280
TA = –55°C to +125°C
HC
340
0
4.5
TA = 25°C
HC, HCT
45
TA = –40°C to +85°C
HC, HCT
56
TA = –55°C to +125°C
HC, HCT
68
0
6
TA = 25°C
HC
38
TA = –40°C to +85°C
HC
48
TA = –55°C to +125°C
HC
57
–4.5
4.5
TA = 25°C
HC, HCT
32
TA = –40°C to +85°C
HC, HCT
40
TA = –55°C to +125°C
HC, HCT
48
tPHZ,
tPLZ
Maximum
switch turn
OFF delay
from S or E
to switch output
4052
0
2
TA = 25°C
HC
250
ns
TA = –40°C to +85°C
HC
315
TA = –55°C to +125°C
HC
375
0
4.5
TA = 25°C
HC, HCT
50
TA = –40°C to +85°C
HC, HCT
63
TA = –55°C to +125°C
HC, HCT
75
0
6
TA = 25°C
HC
43
TA = –40°C to +85°C
HC
54
TA = –55°C to +125°C
HC
65
–4.5
4.5
TA = 25°C
HC
38
HCT
38
TA = –40°C to +85°C
HC
48
HCT
48
TA = –55°C to +125°C
HC
57
HCT
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com