Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1523476 Datasheet (PDF) - PHOENIX CONTACT

1523476 Datasheet PDF - PHOENIX CONTACT
Part # 1523476
Download  1523476 Download
File Size   451.01 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-FS-8CON-M16/0,5 SCO - Device connector front mounting

1523476 Datasheet (PDF)

Go To PDF Page Download Datasheet
1523476 Datasheet PDF - PHOENIX CONTACT

Part # 1523476
Download  1523476 Click to download

File Size   451.01 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-FS-8CON-M16/0,5 SCO - Device connector front mounting

1523476 Datasheet (HTML) - PHOENIX CONTACT


1523476 Product details

Device connector front mounting, Universal, 8-position, Flush-type female connector, straight,
M12-SPEEDCON, coding: A , on free cable end, Front mounting, M16 x 1.5, Individual wires,
cable length: 0.5 m, 0.25 mm2, TPE litz wire, Alternative product in accordance with RoHS II
without Exemption 6c (Pb <0.1%) item no.: 1237416

Your advantages
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1523476

ManufacturerPart #DatasheetDescription
logo
Heyco.
15234 HEYCO-15234 Datasheet
218Kb / 1P
Heyco® Edge Clips
logo
Weidmuller
1523410000 WEIDMULLER-1523410000 Datasheet
61Kb / 1P
SL 5.08/2/135B
logo
PHOENIX CONTACT
1523434 PHOENIX-1523434 Datasheet
543Kb / 15P
SACC-E-FS-4CON-M16/0,5 SCO - Device connector front mounting
1523450 PHOENIX-1523450 Datasheet
545Kb / 14P
SACC-E-MS-4CON-M16/0,5 SCO - Device connector front mounting
logo
Weidmuller
1523460000 WEIDMULLER-1523460000 Datasheet
61Kb / 1P
SL 5.08/2/135B
More results


Similar Description - 1523476

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1520039 PHOENIX-1520039 Datasheet
1Mb / 15P
SACC-E-FS-5CON-M16/0,5 SCO - Device connector front mounting
1520042 PHOENIX-1520042 Datasheet
1Mb / 14P
SACC-EC-FS-5CON-M16/0,5 SCO - Device connector front mounting
1523434 PHOENIX-1523434 Datasheet
543Kb / 15P
SACC-E-FS-4CON-M16/0,5 SCO - Device connector front mounting
1523450 PHOENIX-1523450 Datasheet
545Kb / 14P
SACC-E-MS-4CON-M16/0,5 SCO - Device connector front mounting
1523492 PHOENIX-1523492 Datasheet
449Kb / 12P
SACC-E-MS-8CON-M16/0,5 SCO - Device connector front mounting
1436424 PHOENIX-1436424 Datasheet
441Kb / 12P
SACC-E-M12MS-8CON-M16/0,5 P - Device connector front mounting
1458842 PHOENIX-1458842 Datasheet
443Kb / 12P
SACC-E-M12FS-8CON-M16/0,5 VA - Device connector front mounting
1459605 PHOENIX-1459605 Datasheet
391Kb / 12P
SACC-E-FS-3CON-M16/0,5 SCO - Device connector front mounting
1551558 PHOENIX-1551558 Datasheet
524Kb / 12P
SACC-E-MSD-4CON-M16/0,5 SCO - Device connector front mounting
1523489 PHOENIX-1523489 Datasheet
423Kb / 11P
SACC-EC-FS-8CON-M16/0,5 SCO - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com