Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVT04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVT04
Download  74LVT04 Download
File Size   211.86 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V Hex inverter

74LVT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVT04
Download  74LVT04 Click to download

File Size   211.86 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V Hex inverter

74LVT04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVT04 Product details

1. General description
The 74LVT04 is a hex inverter. This device is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging backflow
current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 2.7 to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• No bus current loading when output is tied to 5 V bus
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74LVT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT04 PHILIPS-74LVT04 Datasheet
99Kb / 10P
3.3V Hex inverter
1996 Aug 28
logo
Nexperia B.V. All right...
74LVT04-Q100 NEXPERIA-74LVT04-Q100 Datasheet
714Kb / 13P
3.3 V Hex inverter
logo
NXP Semiconductors
74LVT04D PHILIPS-74LVT04D Datasheet
99Kb / 10P
3.3V Hex inverter
1996 Aug 28
logo
Nexperia B.V. All right...
74LVT04D-Q100 NEXPERIA-74LVT04D-Q100 Datasheet
714Kb / 13P
3.3 V Hex inverter
logo
NXP Semiconductors
74LVT04DB PHILIPS-74LVT04DB Datasheet
99Kb / 10P
3.3V Hex inverter
1996 Aug 28
More results


Similar Description - 74LVT04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC203 TI-CDC203 Datasheet
89Kb / 6P
3.3-V HEX INVERTER/CLOCK DRIVER
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
logo
NXP Semiconductors
74LVT14 NXP-74LVT14 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
74LVT04 PHILIPS-74LVT04_15 Datasheet
131Kb / 13P
3.3 V Hex inverter
Rev. 2-28 April 2014
74LVT14 PHILIPS-74LVT14_15 Datasheet
97Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 02-25 April 2008
logo
Texas Instruments
CDC203 TI1-CDC203_11 Datasheet
101Kb / 7P
3.3-V HEX INVERTER/CLOCK DRIVER
logo
Nexperia B.V. All right...
74LVT04-Q100 NEXPERIA-74LVT04-Q100 Datasheet
714Kb / 13P
3.3 V Hex inverter
74LVT14 NEXPERIA-74LVT14 Datasheet
235Kb / 13P
3.3 V hex inverter Schmitt trigger
Rev. 4 - 28 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com