Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY9942 Datasheet (PDF) - MY-SEMI INC.

MY9942 Datasheet PDF - MY-SEMI INC.
Part # MY9942
Download  MY9942 Download
File Size   2268.48 Kbytes
Page   27 Pages
Manufacturer  MY-SEMI [MY-SEMI INC.]
Direct Link  http://www.my-semi.com.tw/
Logo MY-SEMI - MY-SEMI INC.
Description 4 Channels Constant Current LED Driver With Addressable DMX512 Protocol and Differential Interface

MY9942 Datasheet (PDF)

Go To PDF Page Download Datasheet
MY9942 Datasheet PDF - MY-SEMI INC.

Part # MY9942
Download  MY9942 Click to download

File Size   2268.48 Kbytes
Page   27 Pages
Manufacturer  MY-SEMI [MY-SEMI INC.]
Direct Link  http://www.my-semi.com.tw/
Logo MY-SEMI - MY-SEMI INC.
Description 4 Channels Constant Current LED Driver With Addressable DMX512 Protocol and Differential Interface

MY9942 Datasheet (HTML) - MY-SEMI INC.


MY9942 Product details

General Description
The MY9942, 4 channels constant current LED driver with
14bits grayscale APDM (Adaptive Pulse Density Modulation)
control, supports standard / 4X DMX512 protocol and fully
differential interface suited for long distance parallel
applications. The distinctive DMX512 decoding approach
could decode precisely a standard DMX512 signal. And each
device loads one/two/three/four grayscale data according to
two slot selection pins and nine address setting pins (512
addresses). The differential interface provides wide
common-mode range to support long distance transmission
without common-ground power systems.
The device operates over 7V to 40V input voltage
range and provides 4 open-drain constant current sinking
outputs that are rated to 5 0 V and delivers up to 350mA
of high accuracy current to each string of LED. The current at
each output is programmable by means of four external
current setting resistors. The MY9942 provides the gamma
correction, gamma value is 2.2, to transform 8bits DMX data
to 14bits APDM data in order to enhance brightness contract.
The 14bits adaptive pulse density modulation makes sure
that the frame refresh rate is higher than 2KHz. And an
accurate oscillator is built in for free running APDM grayscale
control and DMX512 decoder.
Furthermore, MY9942 could drive High Power LED directly
by shorting the output channels and changing the slot data
number. The POL function makes MY9942 as a PWM
generator to support driving high power LEDs. MY9942 is
available in 28-pin SSOP/TSSOP packages and specified
over the -40°C to +85°C ambient temperature range.

Applications
❑ Standard DMX512 protocol system
❑ Full Color Mesh Display
❑ Architectural and Decorative Lighting

Features
✦ White / CW.WW / R.G.B / R.G.B.W applications
✦ One / Two / Three / Four slots data selection for different
LED configuration applications
✦ 7V to 40V Operating supply voltage
✦ 350mA maximum constant current output (Per channel)
✦ Current setting by 4 external resistors
✦ 50V Rated output channels for long LED strings
✦ ±1.5% (typ.) LED Current accuracy between channels
✦ ±3% (typ.) LED Current accuracy between chips
✦ Standard DMX512 protocol decoder (USITT DMX512-A)
✦ 4X DMX512 protocol selection (Baud rate=1MHz)
✦ Wide common-mode range for differential input signals
✦ Gamma, 2.2, to transform 8bits DMX to 14bits APDM data
✦ 14bits grayscale resolution with Adaptive Pulse Density
Modulation
✦ Frame refresh rate > 2000Hz as a LED driver
Frame refresh rate > 120Hz as a PWM generator
✦ Traditional non-scramble constant current waveform for
high power LED applications (PWM generator only)
✦ 512 addresses set by 9 external pins
✦ Built-in oscillator for grayscale control and DMX512
decoder
✦ -40°C to +85°C Ambient temperature range




Similar Part No. - MY9942

ManufacturerPart #DatasheetDescription
logo
MY-SEMI INC.
MY9941 MY-SEMI-MY9941 Datasheet
79Kb / 1P
4 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9941SS MY-SEMI-MY9941SS Datasheet
79Kb / 1P
4 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9941TE MY-SEMI-MY9941TE Datasheet
79Kb / 1P
4 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9943 MY-SEMI-MY9943 Datasheet
92Kb / 1P
4 Channels Constant Current LED Driver With Single-line Addressing DMX512 Protocol and Differential Interface
MY9943SS MY-SEMI-MY9943SS Datasheet
92Kb / 1P
4 Channels Constant Current LED Driver With Single-line Addressing DMX512 Protocol and Differential Interface
More results


Similar Description - MY9942

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
A701 ADDTEK-A701 Datasheet
118Kb / 1P
6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER
JUNE 2008
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
Four Channels Constant Current LED Driver
logo
Sanyo Semicon Device
LV8481CS SANYO-LV8481CS Datasheet
255Kb / 13P
Saturated Driver with 2 channels Constant Current Driver
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
8 CHANNELS CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
Four Channels Constant Current LED Driver
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
MY-SEMI INC.
MY9941 MY-SEMI-MY9941 Datasheet
79Kb / 1P
4 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9931 MY-SEMI-MY9931 Datasheet
81Kb / 1P
3 Channels Constant Current LED Driver With Cascade DMX512 Protocol and Differential Interface
MY9933 MY-SEMI-MY9933 Datasheet
86Kb / 1P
3 Channels Constant Current LED Driver With Single-line Addressing DMX512 Protocol and Differential Interface
MY9943 MY-SEMI-MY9943 Datasheet
92Kb / 1P
4 Channels Constant Current LED Driver With Single-line Addressing DMX512 Protocol and Differential Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com