Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40016005 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

40016005 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 40016005
Download  40016005 Download
File Size   290.75 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TGF Thermal Gap Filler Pad

40016005 Datasheet (PDF)

Go To PDF Page Download Datasheet
40016005 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 40016005
Download  40016005 Click to download

File Size   290.75 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TGF Thermal Gap Filler Pad

40016005 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


40016005 Product details

General Information:
Operating Temperature -50 up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 40016005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
40016010 WURTH-40016010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40016020 WURTH-40016020 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40016030 WURTH-40016030 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results


Similar Description - 40016005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40105010 WURTH-40105010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40012020 WURTH-40012020 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40016010 WURTH-40016010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40011020 WURTH-40011020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40003050 WURTH-40003050 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com