Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40016005 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 40016005
Description  WE-TGF Thermal Gap Filler Pad
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

40016005 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  40016005 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 40016005 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 40016005 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions: [mm]
100,0 ±2,0
detail A
PET film
PE film
Silicone with ceramic particles
A
Scale - 1:4
Application Drawing:
Scale - 1:4
Properties:
Properties
Value
Unit
Tol.
Color
Grey
Thermal Conductivity
κ
6
W/(m*K)
Hardness (Shore C)
45
Shore C
Dielectric Strength
EBR
3
kV/mm
min.
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Halogen Free
Conform [JEDEC JS709B]
Halogen Free
Conform [IEC 61249-2-21]
UL Approval
E527735 / 94 V-0
General Information:
Operating Temperature
-50 up to +150 °C
Storage Conditions (in original
packaging)
< 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL)
1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
SeMi
001.001
2022-07-04
DIN ISO 2768-1m
DESCRIPTION
WE-TGF Thermal Gap Filler Pad
ORDER CODE
40016005
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
Square
eiSos
Valid
1/3
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 40016005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
40016010 WURTH-40016010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40016020 WURTH-40016020 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40016030 WURTH-40016030 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results

Similar Description - 40016005

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
40111020 WURTH-40111020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40001050 WURTH-40001050 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40105010 WURTH-40105010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40012020 WURTH-40012020 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40016010 WURTH-40016010 Datasheet
210Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40011020 WURTH-40011020 Datasheet
209Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.000
40003050 WURTH-40003050 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40004040 WURTH-40004040 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40101005 WURTH-40101005 Datasheet
290Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
40105005 WURTH-40105005 Datasheet
291Kb / 3P
WE-TGF Thermal Gap Filler Pad
001.001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com