Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18504Q5A-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

CSD18504Q5A-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # CSD18504Q5A-TP
Download  CSD18504Q5A-TP Download
File Size   1967.9 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 40V N-Channel MOSFET

CSD18504Q5A-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD18504Q5A-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # CSD18504Q5A-TP
Download  CSD18504Q5A-TP Click to download

File Size   1967.9 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 40V N-Channel MOSFET

CSD18504Q5A-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


CSD18504Q5A-TP Product details

Product Summary
Vos = 40V
o = 60A (Ves = 10V)
Roson=5.5mQ @Ves =10V
Roson =6.0mQ @Ves =4.5V




Similar Part No. - CSD18504Q5A-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI2-CSD18504Q5A Datasheet
1Mb / 16P
CSD18504Q5A 40V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2025
CSD18504Q5A.B TI2-CSD18504Q5A.B Datasheet
1Mb / 16P
CSD18504Q5A 40V N-Channel NexFET™ Power MOSFET
REVISED JANUARY 2025
CSD18504Q5AT TI1-CSD18504Q5AT Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
More results


Similar Description - CSD18504Q5A-TP

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com