Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18504Q5A Datasheet (PDF) - Texas Instruments

CSD18504Q5A Datasheet PDF - Texas Instruments
Part # CSD18504Q5A
Download  CSD18504Q5A Download
File Size   1074.31 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18504Q5A 40V N-Channel NexFET™ Power MOSFET

CSD18504Q5A Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD18504Q5A Datasheet PDF - Texas Instruments

Part # CSD18504Q5A
Download  CSD18504Q5A Click to download

File Size   1074.31 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18504Q5A 40V N-Channel NexFET™ Power MOSFET

CSD18504Q5A Datasheet (HTML) - Texas Instruments


CSD18504Q5A Product details

1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Logic level
• Pb free terminal plating
• RoHS compliant
• Halogen free
• SON 5mm × 6mm plastic package

2 Applications
• DC-DC conversion
• Secondary side synchronous rectifier
• Battery motor control

3 Description
This 5.3mΩ, SON 5mm × 6mm, 40V NexFET™ power
MOSFET is designed to minimize losses in power
conversion applications.




Similar Part No. - CSD18504Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
logo
TECH PUBLIC Electronics...
CSD18504Q5A-TP TECHPUBLIC-CSD18504Q5A-TP Datasheet
1Mb / 5P
40V N-Channel MOSFET
logo
Texas Instruments
CSD18504Q5AT TI1-CSD18504Q5AT Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results


Similar Description - CSD18504Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
N-Channel NexFET Power MOSFET
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
40V N-Channel NexFET Power MOSFET
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
40V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com