Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD4412 Datasheet (PDF) - Cirrus Logic

CRD4412 Datasheet PDF - Cirrus Logic
Part # CRD4412
Download  CRD4412 Download
File Size   558.88 Kbytes
Page   15 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 2 x 15 W Digital Power Stage Reference Design

CRD4412 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRD4412 Datasheet PDF - Cirrus Logic

Part # CRD4412
Download  CRD4412 Click to download

File Size   558.88 Kbytes
Page   15 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 2 x 15 W Digital Power Stage Reference Design

CRD4412 Datasheet (HTML) - Cirrus Logic


CRD4412 Product details

General Description
The CS4525 is a stereo analog or digital input PWM high efficiency Class D amplifier audio system with an integrated stereo analog-to-digital (A/D) converter. The stereo power amplifiers can deliver up to 15 W per channel into 8 Ω speakers from a small space saving 48-pin QFN package. The PWM amplifier can achieve greater than 85% efficiency and the package is thermally enhanced for optimal heat dissipation which eliminates the need for a heatsink.




Similar Part No. - CRD4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4412 CIRRUS-CRD4412 Datasheet
336Kb / 22P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412 CIRRUS-CRD4412 Datasheet
1Mb / 91P
30 W Digital TV Amplifier with Integrated ADC
CRD4412A CIRRUS-CRD4412A Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412A CIRRUS-CRD4412A Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
More results


Similar Description - CRD4412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
Texas Instruments
TAS5162 TI-TAS5162 Datasheet
263Kb / 6P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CRD4525 CIRRUS-CRD4525 Datasheet
1Mb / 23P
2 x 15 W Digital Amplifier Reference Design
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
Texas Instruments
TAS5162 TI-TAS5162_07 Datasheet
763Kb / 28P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5162_0705 TI-TAS5162_0705 Datasheet
697Kb / 29P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102 TI-TAS5102 Datasheet
1Mb / 23P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5102 TI-TAS5102_1 Datasheet
1Mb / 25P
20-W/15-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CRD35L01 CIRRUS-CRD35L01 Datasheet
434Kb / 14P
1 x 1.7 W CS35L01 Amplifier Reference Design Kit
logo
Texas Instruments
TAS5162 TI-TAS5162_15 Datasheet
1Mb / 33P
2 x 210 Watt STEREO DIGITAL AMPLIFIER POWER STAGE
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com