Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRD4412 Datasheet (PDF) - Cirrus Logic

CRD4412 Datasheet PDF - Cirrus Logic
Part # CRD4412
Download  CRD4412 Download
File Size   1341.71 Kbytes
Page   91 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 30 W Digital TV Amplifier with Integrated ADC

CRD4412 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRD4412 Datasheet PDF - Cirrus Logic

Part # CRD4412
Download  CRD4412 Click to download

File Size   1341.71 Kbytes
Page   91 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 30 W Digital TV Amplifier with Integrated ADC

CRD4412 Datasheet (HTML) - Cirrus Logic


CRD4412 Product details

General Description

The CS4525 is a stereo analog or digital input PWM high efficiency Class D amplifier audio system with an integrated stereo analog-to-digital (A/D) converter. The stereo power amplifiers can deliver up to 15 W per channel into 8Ω speakers from a small space-saving 48-pin QFN package. The PWM amplifier can achieve greater than 85% efficiency. The package is thermally enhanced for optimal heat dissipation which eliminates the need for a heatsink.



 




Similar Part No. - CRD4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD4412 CIRRUS-CRD4412 Datasheet
558Kb / 15P
2 x 15 W Digital Power Stage Reference Design
CRD4412 CIRRUS-CRD4412 Datasheet
336Kb / 22P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412A CIRRUS-CRD4412A Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CRD4412A CIRRUS-CRD4412A Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
More results


Similar Description - CRD4412

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
Integrated Circuit B/W TV Sound IF Amplifier
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Zoran Corporation
ZR39150 ZORAN-ZR39150 Datasheet
130Kb / 2P
INTEGRATED DIGITAL TV PROCESSORS
ZR39160 ZORAN-ZR39160 Datasheet
87Kb / 2P
Integrated Digital TV Processors
logo
Cirrus Logic
CS4525 CIRRUS-CS4525_07 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
CS4525 CIRRUS-CS4525_08 Datasheet
1Mb / 98P
30 W Digital Audio Amplifier with Integrated ADC
logo
Texas Instruments
TAS5717 TI-TAS5717 Datasheet
1Mb / 67P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717PHP TI-TAS5717PHP Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5717 TI1-TAS5717_14 Datasheet
1Mb / 68P
10-W/15-W Digital Audio Power Amplifier with Integrated Cap-Free HP Amplifier
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com