Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25628 Datasheet (PDF) - Texas Instruments

BQ25628 Datasheet PDF - Texas Instruments
Part # BQ25628
Download  BQ25628 Download
File Size   2805.89 Kbytes
Page   75 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management

BQ25628 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25628 Datasheet PDF - Texas Instruments

Part # BQ25628
Download  BQ25628 Click to download

File Size   2805.89 Kbytes
Page   75 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management

BQ25628 Datasheet (HTML) - Texas Instruments


BQ25628 Product details

1 Features
• High-efficiency, 1.5-MHz, synchronous switching
mode buck charger for single cell battery
– >90% efficiency down to 25-mA output current
from 5-V input
– Charge termination from
– Flexible JEITA profile for safe charging over
temperature
• BATFET control to support shutdown, ship mode
and full system reset
– 1.5-μA quiescent current in battery only mode
– 0.15-μA battery leakage current in ship mode
– 0.1-μA battery leakage current in shutdown
• Supports a wide range of input sources
– 3.9-V to 18-V wide input operating voltage
range with 26-V absolute maximum input
voltage
– Maximizes source power with input voltage
regulation (VINDPM) and input current
regulation (IINDPM)
– VINDPM threshold automatically tracks battery
voltage
• Efficient battery operation with 15-mΩ BATFET
• Narrow VDC (NVDC) power path management
– System instant-on with depleted or no battery
– Battery supplement when adapter is fully
loaded
• Flexible autonomous or I2C-controlled modes
• Integrated 12-bit ADC for voltage, current,
temperature monitoring
• High Accuracy
– ±0.4% charge voltage regulation
– ±5% charge current regulation
– ±5% input current regulation
• Safety
– Thermal regulation and thermal shutdown
– Input, system, and battery overvoltage
protection
– Battery, and converter overcurrent protection
– Charging safety timer

2 Applications
• Consumer Wearables, Smartwatch
• Portable Speakers, TWS Earphone
• Hearing Aid or TWS Charging Case

3 Description
The BQ25628E is a highly-integrated 2-A switchmode
battery charge management and system power
path management device for single cell Li-ion and
Li-polymer batteries. The solution is highly integrated
with built-in current sensing, loop compensation,
input reverse-blocking FET (RBFET, Q1), high-side
switching FET (HSFET, Q2), low-side switching FET
(LSFET, Q3), and battery FET (BATFET, Q4) between
system and battery. The device uses narrow VDC
power path management, regulating the system
slightly above the battery voltage without dropping
below a configurable minimum system voltage. The
low impedance power path optimizes switch-mode
operation efficiency, reduces battery charging time,
extends battery life during discharging phase, and the
ultra-low 0.15-μA ship mode current extends battery
shelf life. The I2C serial interface with charging and
system settings makes the BQ25628E a truly flexible
solution.




Similar Part No. - BQ25628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25628 TI-BQ25628 Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
BQ25628RYKR TI-BQ25628RYKR Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
More results


Similar Description - BQ25628

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25887 TI1-BQ25887 Datasheet
2Mb / 79P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25887_1904 TI1-BQ25887_1904 Datasheet
2Mb / 83P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25620 TI-BQ25620 Datasheet
3Mb / 83P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
SEPTEMBER 2022
BQ25620 TI-BQ25620_V01 Datasheet
3Mb / 84P
BQ25620/BQ25622 I2C Controlled, 3.5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
REVISED OCTOBER 2022
BQ25628 TI-BQ25628 Datasheet
3Mb / 83P
BQ25628 / BQ25629 I2C Controlled, 2-A, Maximum 18-V Input, Charger with NVDC Power Path Management and OTG Output
DECEMBER 2022
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25638 TI-BQ25638 Datasheet
776Kb / 12P
BQ25638 I2C Controlled, 5-A, Maximum 18-V Input, Charger with NVDC Power Path Management and USB OTG Boost Output
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com