Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV35060MP Datasheet (PDF) - WOLFSPEED, INC.

CGHV35060MP Datasheet PDF - WOLFSPEED, INC.
Part # CGHV35060MP
Download  CGHV35060MP Download
File Size   2464.47 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations

CGHV35060MP Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV35060MP Datasheet PDF - WOLFSPEED, INC.

Part # CGHV35060MP
Download  CGHV35060MP Click to download

File Size   2464.47 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations

CGHV35060MP Datasheet (HTML) - WOLFSPEED, INC.


CGHV35060MP Product details

Description
CGHV35060MP is a 60 W input matched, gallium nitride (GaN) high electron mobility
transistor (HEMT) optimized for S-Band performance. The CGHV35060MP is suitable for
typical bands of 2.7-3.1 GHz and 3.1-3.5 GHz while the input matched transistor provides
optimal gain, power and efficiency in a small 6.5mm x 4.4mm plastic surface mount (SMT)
package. The typical performance plots in the datasheet are derived with CGHV35060MP
matched into a 3.1-3.5 GHz high power amplifier.
Features
• Reference design amplifier 3.1 - 3.5 GHz
• 75W Typical output power
• 14.5 dB power gain
• 67% Drain efficiency
• Internally pre-matched on input, unmatched output




Similar Part No. - CGHV35060MP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 0
CGHV35060MP CREE-CGHV35060MP Datasheet
1Mb / 8P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 1.0
CGHV35060MP-AMP1 CREE-CGHV35060MP-AMP1 Datasheet
1Mb / 8P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 1.0
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 1.0
More results


Similar Description - CGHV35060MP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
200 W, 2500-2700 MHz, GaN HEMT for LTE
Rev 0.1
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
Rev 3.1
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
Rev 1.1
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
Rev 1.0
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
200 W, 2500-2700 MHz, GaN HEMT for LTE
Rev 1.0
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 0
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
Rev 0.2
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
Rev 1.0
logo
WOLFSPEED, INC.
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com