Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA3135060S Datasheet (PDF) - WOLFSPEED, INC.

CMPA3135060S Datasheet PDF - WOLFSPEED, INC.
Part # CMPA3135060S
Download  CMPA3135060S Download
File Size   1868.73 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier

CMPA3135060S Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA3135060S Datasheet PDF - WOLFSPEED, INC.

Part # CMPA3135060S
Download  CMPA3135060S Click to download

File Size   1868.73 Kbytes
Page   16 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier

CMPA3135060S Datasheet (HTML) - WOLFSPEED, INC.


CMPA3135060S Product details

Description
Wolfspeed’s CMPA3135060S is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit (MMIC). GaN
has superior properties compared to silicon or gallium arsenide, including higher
breakdown voltage, higher saturated electron drift velocity and higher thermal
conductivity. This MMIC power amplifier contains a two-stage reactively matched
amplifier design approach, enabling high power and power added efficiency to be
achieved in a 7mm x 7mm, surface mount (QFN package). The MMIC is designed for
S-Band radar power amplifier applications.
Features
• 3.1 - 3.5 GHz Operation
• 75 W Typical Output Power
• 29 dB Power Gain
• 50-ohm Matched for Ease of Use
• Plastic Surface-Mount Package,
7x7 mm QFN
Applications
• Air Traffic Control Radar
• Defense Surveillance Radar
• Fire Control Radar
• Military Air, Land a




Similar Part No. - CMPA3135060S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
More results


Similar Description - CMPA3135060S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
Qorvo, Inc
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
2.8 ??3.5 GHz 60 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com