Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH35060F2 Datasheet (PDF) - WOLFSPEED, INC.

CGH35060F2 Datasheet PDF - WOLFSPEED, INC.
Part # CGH35060F2
Download  CGH35060F2 Download
File Size   1397.51 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT

CGH35060F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH35060F2 Datasheet PDF - WOLFSPEED, INC.

Part # CGH35060F2
Download  CGH35060F2 Click to download

File Size   1397.51 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT

CGH35060F2 Datasheet (HTML) - WOLFSPEED, INC.


CGH35060F2 Product details

Description
Wolfspeed’s CGH35060F2/P2 is a gallium nitride (GaN) high electron
mobility transistor (HEMT) designed specifically for high efficiency, high
gain and wide bandwidth capabilities, which makes the CGH35060F2/P2
ideal for 3.1 - 3.5 GHz S-band pulsed amplifier applications. The transistor
is supplied in a ceramic/metal flange and pill package.
Features
• 3.1 - 3.5 GHz Operation
• 60 W Peak Power Capability
• 12 dB Small Signal Gain
• 60% Drain Efficiency




Similar Part No. - CGH35060F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
60 W, 3100-3500 MHz, 28V, GaN HEMT
Rev 4.0
CGH35060F2-AMP CREE-CGH35060F2-AMP Datasheet
1Mb / 11P
60 W, 3100-3500 MHz, 28V, GaN HEMT
Rev 4.0
More results


Similar Description - CGH35060F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
60 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
logo
TriQuint Semiconductor
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Cree, Inc
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
CMPA0530002S CREE-CMPA0530002S Datasheet
1Mb / 20P
2 W, 0.5 - 3.0 GHz, 28 V, GaN HEMT
logo
Qorvo, Inc
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGHV31500F1 WOLFSPEED-CGHV31500F1 Datasheet
2Mb / 26P
2.7 – 3.1 GHz, 500 W GaN HEMT
Rev. 1.1, 2023-04-24
CGHV35400F1 WOLFSPEED-CGHV35400F1 Datasheet
1Mb / 21P
400 W, 2.9 - 3.5 GHz, GaN HEMT
Rev. 1.0, 2022-8-4
CMPA3135060S WOLFSPEED-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com