Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH27030S Datasheet (PDF) - WOLFSPEED, INC.

CGH27030S Datasheet PDF - WOLFSPEED, INC.
Part # CGH27030S
Download  CGH27030S Download
File Size   2586.5 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 30 W, DC - 6.0 GHz, 28 V, GaN HEMT

CGH27030S Datasheet (PDF)

Go To PDF Page Download Datasheet
CGH27030S Datasheet PDF - WOLFSPEED, INC.

Part # CGH27030S
Download  CGH27030S Click to download

File Size   2586.5 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 30 W, DC - 6.0 GHz, 28 V, GaN HEMT

CGH27030S Datasheet (HTML) - WOLFSPEED, INC.


CGH27030S Product details

Description
Wolfspeed’s CGH27030S is an unmatched, gallium nitride (GaN) high
electron mobility transistor (HEMT) designed specifically for high
efficiency, high gain and wide bandwidth capabilities, which makes the
CGH27030S ideal for LTE, 4G Telecom and BWA amplifier applications.
The CGH27030S operates from a 28 volt rail. The transistor is available
in a 3mm x 4mm, surface mount, dual-flat-no-lead (DFN) package.
Features for 28 V in CGH27030S-AMP1
• 1.8 - 2.2 GHz Operation
• 30 W Typical Output Power
• 18 dB Gain at 5 W PAVE
• -39 dBc ACLR at 5 W PAVE
• 33% efficiency at 5 W PAVE
• High degree of APD and DPD correction can be applied
Features for 28 V in CGH27030S-AMP2
• 2.3 - 2.7 GHz Operation
• 30 W Typical Output Power
• 18.5 dB Gain at 5 W PAVE
• -39 dBc ACLR at 5 W PAVE
• 36% efficiency at 5 W PAVE
• High degree of APD and DPD correction can be applied




Similar Part No. - CGH27030S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH27030S-AMP1 CREE-CGH27030S-AMP1 Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH27030S-AMP2 CREE-CGH27030S-AMP2 Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH27030S-TR CREE-CGH27030S-TR Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
More results


Similar Description - CGH27030S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
30 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
60 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
30 W, DC - 6.0 GHz, GaN HEMT
Rev 2.0
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
WOLFSPEED, INC.
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com