Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV27015S Datasheet (PDF) - WOLFSPEED, INC.

CGHV27015S Datasheet PDF - WOLFSPEED, INC.
Part # CGHV27015S
Download  CGHV27015S Download
File Size   1690.27 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 15 W, DC - 6.0 GHz, 50 V, GaN HEMT

CGHV27015S Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV27015S Datasheet PDF - WOLFSPEED, INC.

Part # CGHV27015S
Download  CGHV27015S Click to download

File Size   1690.27 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 15 W, DC - 6.0 GHz, 50 V, GaN HEMT

CGHV27015S Datasheet (HTML) - WOLFSPEED, INC.


CGHV27015S Product details

Description
Wolfspeed’s CGHV27015S is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT) designed specifically for high efficiency, high gain
and wide bandwidth capabilities, which makes the CGHV27015S ideal for LTE,
4G Telecom and BWA amplifier applications. The CGHV27015S GaN HEMT
device is unmatched so it is suitable for power amplifier applications from
10 MHz through 6000 MHz, such as tactical communications, CATV, UAV data
links, as well as a driver stage amplifier for RADAR, EW, and SatCom devices.
At a VDD of 50 V, the device provide 2.5 W of average power or 15 W of peak
power. At a VDD of 28 V, the device provides 1 W of average power and 7 W
of peak power. The transistor is available in a 3 mm x 4 mm, surface mount,
dualflat-no-lead (DFN) package.
Features for 50 V in CGHV27015S-AMP1
• 2.4 - 2.7 GHz Operation
• 15 W Typical Output Power
• 21 dB Gain at 2.5 W PAVE
• -38 dBc ACLR at 2.5 W PAVE
• 32% efficiency at 2.5 W PAVE
• High degree of APD and DPD correction can be
applied




Similar Part No. - CGHV27015S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV27015S-AMP1 CREE-CGHV27015S-AMP1 Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV27015S-TR CREE-CGHV27015S-TR Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
More results


Similar Description - CGHV27015S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGH60015D CREE-CGH60015D Datasheet
544Kb / 8P
15 W, 6.0 GHz, GaN HEMT Die
Rev 3.1
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
30 W, DC - 6.0 GHz, GaN HEMT
Rev 2.0
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com