Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV40050 Datasheet (PDF) - WOLFSPEED, INC.

CGHV40050 Datasheet PDF - WOLFSPEED, INC.
Part # CGHV40050
Download  CGHV40050 Download
File Size   2065.41 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 50 W, DC - 4.0 GHz, 50 V, GaN HEMT

CGHV40050 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV40050 Datasheet PDF - WOLFSPEED, INC.

Part # CGHV40050
Download  CGHV40050 Click to download

File Size   2065.41 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 50 W, DC - 4.0 GHz, 50 V, GaN HEMT

CGHV40050 Datasheet (HTML) - WOLFSPEED, INC.


CGHV40050 Product details

Description
Wolfspeed’s CGHV40050 is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT). The CGHV40050, operating from a 50 volt rail,
offers a general purpose, broadband solution to a variety of RF and microwave
applications up to 4 GHz. The reference HPA design in the datasheet operates
from 800 MHz to 2 GHz operation instantaneously. It is a demonstration
amplifier to showcase the CGHV40050’s high efficiency, high gain and wide
bandwidth capabilities. The device can be used for a range of applications from
narrow band UHF, L and S Band as well as multi-octave bandwidth amplifiers
up to 4 GHz. The transistor is available in a 2-lead flange and pill package.
Features
• Up to 4 GHz Operation
• 77 W Typical Output Power
• 17.5 dB Small Signal Gain at 1.8 GHz
• Application Circuit for 0.8 - 2.0 GHz
• 53% Efficiency at PSAT
• 50 V Operation




Similar Part No. - CGHV40050

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
CGHV40050-AMP CREE-CGHV40050-AMP Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40050-TB CREE-CGHV40050-TB Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40050P CREE-CGHV40050P Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
More results


Similar Description - CGHV40050

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40100 CREE-CGHV40100 Datasheet
1Mb / 11P
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 3.0
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
CGHV40180P WOLFSPEED-CGHV40180P Datasheet
713Kb / 11P
180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com