Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV40030 Datasheet (PDF) - WOLFSPEED, INC.

CGHV40030 Datasheet PDF - WOLFSPEED, INC.
Part # CGHV40030
Download  CGHV40030 Download
File Size   3301.13 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 30 W, DC - 6 GHz, 50 V, GaN HEMT

CGHV40030 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGHV40030 Datasheet PDF - WOLFSPEED, INC.

Part # CGHV40030
Download  CGHV40030 Click to download

File Size   3301.13 Kbytes
Page   15 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 30 W, DC - 6 GHz, 50 V, GaN HEMT

CGHV40030 Datasheet (HTML) - WOLFSPEED, INC.


CGHV40030 Product details

Description
Wolfspeed’s CGHV40030 is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT) designed specifically for high efficiency, high gain
and wide bandwidth capabilities. The device can be deployed for L-, S- and
C-Band amplifier applications. The datasheet specifications are based on a
0.96 - 1.4 GHz amplifier. The CGHV40030 operates on a 50 volt rail circuit while
housed in a 2-lead flange or pill package.
Features
• Up to 6 GHz Operation
• 30 W Typical Output Power
• 16 dB Gain
• Application circuit for 0.96 - 1.4 GHz
• 70% Efficiency at PSAT
• 50 V Operation




Similar Part No. - CGHV40030

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40030 CREE-CGHV40030 Datasheet
1Mb / 11P
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0
CGHV40030-TB CREE-CGHV40030-TB Datasheet
1Mb / 11P
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0
CGHV40030F CREE-CGHV40030F Datasheet
1Mb / 11P
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0
CGHV40030F-AMP CREE-CGHV40030F-AMP Datasheet
1Mb / 11P
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0
CGHV40030P CREE-CGHV40030P Datasheet
1Mb / 11P
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0
More results


Similar Description - CGHV40030

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev 2.1
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev 2.0
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
30 W, DC - 6.0 GHz, GaN HEMT
Rev 2.0
CGHV40030 CREE-CGHV40030 Datasheet
1Mb / 11P
30 W, DC - 6 GHz, 50V, GaN HEMT
Rev 1.0
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com