Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA901A035F Datasheet (PDF) - WOLFSPEED, INC.

CMPA901A035F Datasheet PDF - WOLFSPEED, INC.
Part # CMPA901A035F
Download  CMPA901A035F Download
File Size   1912.32 Kbytes
Page   22 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier

CMPA901A035F Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA901A035F Datasheet PDF - WOLFSPEED, INC.

Part # CMPA901A035F
Download  CMPA901A035F Click to download

File Size   1912.32 Kbytes
Page   22 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier

CMPA901A035F Datasheet (HTML) - WOLFSPEED, INC.


CMPA901A035F Product details

Description
The CMPA901A035F is a gallium nitride (GaN) High Electron Mobility
Transistor (HEMT) based monolithic microwave integrated circuit
(MMIC) on a silicon carbide (SiC) substrate. The semiconductor offers
35 Watts of power from 9 to 11 GHz of instantaneous bandwidth.
The GaN HEMT MMIC is housed in a thermally-enhanced, 10-lead 25
mm x 9.9 mm metal/ceramic flanged package. It offers high gain and
superior efficiency in a small footprint package at 50 ohms.
Features
• 35 W Typical PSAT
• >33% Typical Power Added Efficiency
• 22.5 dB Large Signal Gain
• High Temperature Operation
Note: Features are typical performance across
frequency under 25°C operation. Please reference
performance charts for additional details.
Applications
• Military Radar
• Marine Radar
• Weather Radar
• Medical Applications




Similar Part No. - CMPA901A035F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
More results


Similar Description - CMPA901A035F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
CMPA801B030F1 WOLFSPEED-CMPA801B030F1 Datasheet
1Mb / 16P
35 W, 8.0 - 12.0 GHz, GaN MMIC, Power Amplifier
Rev 0.0 February 2021
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
CMPA901A020S WOLFSPEED-CMPA901A020S Datasheet
1Mb / 15P
9.0 - 10.0 GHz, 20 W, Packaged GaN MMIC Power Amplifier
Rev 0.0 September 2020
CMPA901A035F1 WOLFSPEED-CMPA901A035F1 Datasheet
1Mb / 15P
35 W, 9.0 - 10 GHz, GaN MMIC, Power Amplifier
Rev 0.0 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com