Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPA801B030S Datasheet (PDF) - WOLFSPEED, INC.

CMPA801B030S Datasheet PDF - WOLFSPEED, INC.
Part # CMPA801B030S
Download  CMPA801B030S Download
File Size   4989.27 Kbytes
Page   17 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier

CMPA801B030S Datasheet (PDF)

Go To PDF Page Download Datasheet
CMPA801B030S Datasheet PDF - WOLFSPEED, INC.

Part # CMPA801B030S
Download  CMPA801B030S Click to download

File Size   4989.27 Kbytes
Page   17 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier

CMPA801B030S Datasheet (HTML) - WOLFSPEED, INC.


CMPA801B030S Product details

Description
Wolfspeed’s CMPA801B030S is a packaged, 40W HPA utilizing Wolfspeed’s high
performance, 0.15µm GaN-on-Silicon Carbide production process. The CMPA801B030S
operates from 7.9 - 11.0 GHz and targets pulsed radar systems supporting both defense
and commercial applications. With 2 stages of gain, this high performance amplifier
provides 20dB of large signal gain and 40% efficiency to support lower system DC power
requirements and simplify system thermal management solutions. Packaged in a 7x7
mm plastic overmold QFN, the CMPA801B030S also supports reduced board space
requirements and high-throughput manufacturing lines.
Features
• Freq: 7.9 – 11.0 GHz
• PSAT: 40 W
• PAE: 40%
• LS Gain: 20 dB
• 7x7 mm Overmold QFN
• Lower system costs
• Reduced board area
Applications
• Military pulsed radar
• Civil pulsed radar
• Satellite Communications




Similar Part No. - CMPA801B030S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
More results


Similar Description - CMPA801B030S

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
CMPA901A020S CREE-CMPA901A020S Datasheet
1Mb / 15P
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
CMPA3135060S CREE-CMPA3135060S Datasheet
1Mb / 16P
3.1 - 3.5 GHz, 60 W, Packaged GaN MMIC Power Amplifier
logo
Qorvo, Inc
QPA1010D QORVO-QPA1010D Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
QPA1011D QORVO-QPA1011D Datasheet
982Kb / 26P
7.9 ??11.0 GHz 25 W GaN Power Amplifier
May 2021
logo
WOLFSPEED, INC.
CMPA901A020S WOLFSPEED-CMPA901A020S Datasheet
1Mb / 15P
9.0 - 10.0 GHz, 20 W, Packaged GaN MMIC Power Amplifier
Rev 0.0 September 2020
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
CMPA9396025S WOLFSPEED-CMPA9396025S Datasheet
2Mb / 16P
9.3 - 9.6 GHz, 25 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com