Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA1011D Datasheet (PDF) - Qorvo, Inc

QPA1011D Datasheet PDF - Qorvo, Inc
Part # QPA1011D
Download  QPA1011D Download
File Size   982.23 Kbytes
Page   26 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 7.9 ??11.0 GHz 25 W GaN Power Amplifier

QPA1011D Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA1011D Datasheet PDF - Qorvo, Inc

Part # QPA1011D
Download  QPA1011D Click to download

File Size   982.23 Kbytes
Page   26 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 7.9 ??11.0 GHz 25 W GaN Power Amplifier

QPA1011D Datasheet (HTML) - Qorvo, Inc




Similar Part No. - QPA1011D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPA1011D TRIQUINT-QPA1011D Datasheet
848Kb / 26P
25 W GaN Power Amplifier
More results


Similar Description - QPA1011D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 3.2
CMPA801B025D CREE-CMPA801B025D Datasheet
439Kb / 7P
25 W, 8.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 1.0
logo
TriQuint Semiconductor
QPA1011 TRIQUINT-QPA1011 Datasheet
749Kb / 25P
25 W GaN Power Amplifier
QPA1011D TRIQUINT-QPA1011D Datasheet
848Kb / 26P
25 W GaN Power Amplifier
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
Qorvo, Inc
TGA2219-CP QORVO-TGA2219-CP Datasheet
460Kb / 15P
13.4 ??16.5 GHz 25 W GaN Power Amplifier
QPA1010 QORVO-QPA1010 Datasheet
1Mb / 26P
zzzzzzzzz7.9 ??11.0 GHz 15 W GaN Power Amplifier
May 2021
QPA1010D QORVO-QPA1010D Datasheet
1Mb / 26P
7.9 ??11.0 GHz 15 W GaN Power Amplifier
April 2, 2021
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
CMPA901A035F WOLFSPEED-CMPA901A035F Datasheet
1Mb / 22P
35 W, 9.0 - 11.0 GHz, GaN MMIC, Power Amplifier
Rev 0.4 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com