Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKH8016 Datasheet (PDF) - FETek Technology Corp.

FKH8016 Datasheet PDF - FETek Technology Corp.
Part # FKH8016
Download  FKH8016 Download
File Size   746.76 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-ch 75V Fast Switching MOSFETs

FKH8016 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKH8016 Datasheet PDF - FETek Technology Corp.

Part # FKH8016
Download  FKH8016 Click to download

File Size   746.76 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-ch 75V Fast Switching MOSFETs

FKH8016 Datasheet (HTML) - FETek Technology Corp.


FKH8016 Product details

Description
The FKH8016 is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous buck
converter applications.
The FKH8016 meet the RoHS and Green Product
requirement, 100% EAS guaranteed with full
function reliability approved.




Similar Part No. - FKH8016

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
FKH80 HELLERMANNTYTON-FKH80 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
logo
FETek Technology Corp.
FKH8024A FETEK-FKH8024A Datasheet
758Kb / 5P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKH8048 FETEK-FKH8048 Datasheet
680Kb / 4P
Single N-Channel MOSFET
Ver : A
logo
HellermannTyton.
FKH80A HELLERMANNTYTON-FKH80A Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
FKH80APT-I HELLERMANNTYTON-FKH80APT-I Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
More results


Similar Description - FKH8016

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UD7018 XINDEYI-UD7018 Datasheet
738Kb / 4P
N-Ch 75V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD7018 UNITPOWER-UD7018 Datasheet
767Kb / 4P
N-Ch 75V Fast Switching MOSFETs
logo
uPI Group Inc.
QM7022AP UPI-QM7022AP Datasheet
455Kb / 4P
N-Ch 75V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE8016 FETEK-FKCE8016 Datasheet
737Kb / 4P
N-ch 75V Fast Switching MOSFETs
Ver : A
FKD8016 FETEK-FKD8016 Datasheet
733Kb / 4P
N-ch 75V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com