Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKH8048 Datasheet (PDF) - FETek Technology Corp.

FKH8048 Datasheet PDF - FETek Technology Corp.
Part # FKH8048
Download  FKH8048 Download
File Size   680.48 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description Single N-Channel MOSFET

FKH8048 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKH8048 Datasheet PDF - FETek Technology Corp.

Part # FKH8048
Download  FKH8048 Click to download

File Size   680.48 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description Single N-Channel MOSFET

FKH8048 Datasheet (HTML) - FETek Technology Corp.


FKH8048 Product details

Features
 Advanced Trench MOS Technology
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge

Applications
 Power Tools.
 UPS
 Synchronous Rectification in SMPS.




Similar Part No. - FKH8048

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
FKH80 HELLERMANNTYTON-FKH80 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
logo
FETek Technology Corp.
FKH8016 FETEK-FKH8016 Datasheet
746Kb / 4P
N-ch 75V Fast Switching MOSFETs
Ver : A
FKH8024A FETEK-FKH8024A Datasheet
758Kb / 5P
N-Ch 80V Fast Switching MOSFETs
Ver : A
logo
HellermannTyton.
FKH80A HELLERMANNTYTON-FKH80A Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
FKH80APT-I HELLERMANNTYTON-FKH80APT-I Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
More results


Similar Description - FKH8048

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13402CA-S ELM-TECH-ELM13402CA-S Datasheet
415Kb / 4P
Single N-channel MOSFET
ELM13410CA-S ELM-TECH-ELM13410CA-S Datasheet
396Kb / 4P
Single N-channel MOSFET
ELM16400EA-S ELM-TECH-ELM16400EA-S Datasheet
419Kb / 4P
Single N-channel MOSFET
ELM16404EA-S ELM-TECH-ELM16404EA-S Datasheet
406Kb / 4P
Single N-channel MOSFET
ELM34416AA-N ELM-TECH-ELM34416AA-N Datasheet
331Kb / 4P
Single N-channel MOSFET
ELM2H400SA-S ELM-TECH-ELM2H400SA-S Datasheet
1Mb / 4P
Single N-channel MOSFET
ELM3D0603A-S ELM-TECH-ELM3D0603A-S Datasheet
884Kb / 5P
Single N-channel MOSFET
ELM3D0804A-S ELM-TECH-ELM3D0804A-S Datasheet
811Kb / 4P
Single N-channel MOSFET
ELM3DK502A-S ELM-TECH-ELM3DK502A-S Datasheet
877Kb / 4P
Single N-channel MOSFET
ELM32D606A-S ELM-TECH-ELM32D606A-S Datasheet
870Kb / 4P
Single N-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com