Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2108 Datasheet (PDF) - International Rectifier

IR2108 Datasheet PDF - International Rectifier
Part # IR2108
Download  IR2108 Download
File Size   321.61 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE DRIVER

IR2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2108 Datasheet PDF - International Rectifier

Part # IR2108
Download  IR2108 Click to download

File Size   321.61 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE DRIVER

IR2108 Datasheet (HTML) - International Rectifier


IR2108 Product details

Description

The IR2108(4)(S) are high voltage, high speed power MOSFET and IGBT drivers with dependent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.



Features

•Floating channel designed for bootstrap operation

  Fully operational to +600V

  Tolerant to negative transient voltage dV/dt immune

•Gate drive supply range from 10 to 20V

•Undervoltage lockout for both channels

•3.3V, 5V and 15V input logic compatible

•Cross-conduction prevention logic

•Matched propagation delay for both channels

•High side output in phase with HIN input

•Low side output out of phase with LIN input

•Logic and power ground +/- 5V offset.

•Internal 540ns dead-time, and programmable up to 5us with one external RDTresistor (IR21084)

•Lower di/dt gate driver for better noise immunity

•Available in Lead-Free




Similar Part No. - IR2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2108 IRF-IR2108 Datasheet
327Kb / 23P
Gate drive supply range from 10 to 20V
IR2108 IRF-IR2108 Datasheet
327Kb / 23P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2108 INFINEON-IR2108 Datasheet
329Kb / 23P
HALF-BRIDGE DRIVER
IR21084 INFINEON-IR21084 Datasheet
329Kb / 23P
HALF-BRIDGE DRIVER
IR21084S INFINEON-IR21084S Datasheet
329Kb / 23P
HALF-BRIDGE DRIVER
More results


Similar Description - IR2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com