Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2108 Datasheet (PDF) - International Rectifier

IR2108 Datasheet PDF - International Rectifier
Part # IR2108
Download  IR2108 Download
File Size   327.69 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Gate drive supply range from 10 to 20V

IR2108 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2108 Datasheet PDF - International Rectifier

Part # IR2108
Download  IR2108 Click to download

File Size   327.69 Kbytes
Page   23 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Gate drive supply range from 10 to 20V

IR2108 Datasheet (HTML) - International Rectifier


IR2108 Product details

Description

The IR2108(4)(S) are high voltage, high speed power MOSFET and IGBT drivers with dependent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.



Features

•Floating channel designed for bootstrap operation

  Fully operational to +600V

  Tolerant to negative transient voltage dV/dt immune

•Gate drive supply range from 10 to 20V

•Undervoltage lockout for both channels

•3.3V, 5V and 15V input logic compatible

•Cross-conduction prevention logic

•Matched propagation delay for both channels

•High side output in phase with HIN input

•Low side output out of phase with LIN input

•Logic and power ground +/- 5V offset.

•Internal 540ns dead-time, and programmable up to 5us with one external RDTresistor (IR21084)

•Lower di/dt gate driver for better noise immunity

•Available in Lead-Free




Similar Part No. - IR2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2108 IRF-IR2108 Datasheet
321Kb / 23P
HALF-BRIDGE DRIVER
IR2108 IRF-IR2108 Datasheet
327Kb / 23P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2108 INFINEON-IR2108 Datasheet
329Kb / 23P
HALF-BRIDGE DRIVER
logo
International Rectifier
IR21084 IRF-IR21084 Datasheet
321Kb / 23P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21084 INFINEON-IR21084 Datasheet
329Kb / 23P
HALF-BRIDGE DRIVER
More results


Similar Description - IR2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
Gate drive supply range from 6 V to 20 V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
Gate drive supply range from 5 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
Gate drive supply range from 10 to 20V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com