Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMC210404MD Datasheet (PDF) - WOLFSPEED, INC.

PTMC210404MD Datasheet PDF - WOLFSPEED, INC.
Part # PTMC210404MD
Download  PTMC210404MD Download
File Size   847.67 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz

PTMC210404MD Datasheet (PDF)

Go To PDF Page Download Datasheet
PTMC210404MD Datasheet PDF - WOLFSPEED, INC.

Part # PTMC210404MD
Download  PTMC210404MD Click to download

File Size   847.67 Kbytes
Page   8 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz

PTMC210404MD Datasheet (HTML) - WOLFSPEED, INC.


PTMC210404MD Product details

Description
The PTMC210204MD is a wideband, two-stage LDMOS integrated amplifier
intended for wideband driver applications. It has internal matching for
operation from 1805 to 2200 MHz. It features on-chip matching high
efficiency, and dual independent outputs with 20 W of output power each.
It is available in a 14-lead plastic overmold package with gull wing leads.
Features
• On-chip matching for broadband operation
• Typical pulsed CW performance, 1990 MHz, 28 V,
combined outputs
- Output power at P1dB = 37 W
- Linear Gain = 31.5 dB
- Efficiency = 53.1%
• Capable of handling 10:1 VSWR @28 V, 37 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 1B (per ANSI/ESDA/JEDEC
JS-001)
• Integrated temperature compensation
• Pb-free and RoHS compliant




Similar Part No. - PTMC210404MD

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
More results


Similar Description - PTMC210404MD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
logo
Cree, Inc
PTGA090304MD CREE-PTGA090304MD Datasheet
506Kb / 7P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 ??960 MHz
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTGA090304MD WOLFSPEED-PTGA090304MD Datasheet
1Mb / 12P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
Rev. 04.2, 2022-1-27
PTNC210604MD WOLFSPEED-PTNC210604MD Datasheet
748Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz
Rev. 03.5, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com