Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTNC210604MD Datasheet (PDF) - WOLFSPEED, INC.

PTNC210604MD Datasheet PDF - WOLFSPEED, INC.
Part # PTNC210604MD
Download  PTNC210604MD Download
File Size   748.7 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz

PTNC210604MD Datasheet (PDF)

Go To PDF Page Download Datasheet
PTNC210604MD Datasheet PDF - WOLFSPEED, INC.

Part # PTNC210604MD
Download  PTNC210604MD Click to download

File Size   748.7 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 – 2200 MHz

PTNC210604MD Datasheet (HTML) - WOLFSPEED, INC.


PTNC210604MD Product details

Description
The PTNC210604MD is a wideband, two-stage, LDMOS integrated
power amplifier. It incorporates internal matching for operation
from 1805 MHz to 2200 MHz, and dual independent outputs with 20
W and 40 W of output power each. It is available in a 14-lead plastic
overmold package with gull wing leads.
Features
• On-chip matching for broadband operation
• Typical CW performance, 2200 MHz, 28 V,
combined outputs
- Output power at P3dB = 63 W
- Linear Gain = 28 dB
- Efficiency = 50.5%
• Capable of handling 10:1 VSWR @28 V, 10 W mod
avg output power
• Integrated ESD protection
• Human Body Model Class 1A (per ANSI/ESDA/
JEDEC JS-001)
• Integrated temperature compensation
• Pb-free and RoHS compliant




Similar Part No. - PTNC210604MD

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
More results


Similar Description - PTNC210604MD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA210404FL INFINEON-PTMA210404FL_09 Datasheet
468Kb / 13P
Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
PTMC210204MD INFINEON-PTMC210204MD Datasheet
219Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifi er 20 W, 28 V, 1805 ??2200 MHz
Rev. 03, 2016-06-14
logo
Cree, Inc
PTMA180402M CREE-PTMA180402M Datasheet
1Mb / 15P
Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
PTMA210152M CREE-PTMA210152M Datasheet
1Mb / 15P
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
PTMC210124MD CREE-PTMC210124MD Datasheet
593Kb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
PTMC210204MD CREE-PTMC210204MD Datasheet
1Mb / 10P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
PTMC210404MD CREE-PTMC210404MD Datasheet
531Kb / 9P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 ??2200 MHz
PTNC210604MD CREE-PTNC210604MD Datasheet
1Mb / 6P
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W 40 W, 28 V, 1805 ??2200 MHz
logo
WOLFSPEED, INC.
PTMC210404MD WOLFSPEED-PTMC210404MD Datasheet
847Kb / 8P
Wideband LDMOS Two-stage Integrated Power Amplifier 2 x 20 W, 28 V, 1805 – 2200 MHz
Rev. 04.1, 2022-1-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com