Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTRA084808NF Datasheet (PDF) - WOLFSPEED, INC.

PTRA084808NF Datasheet PDF - WOLFSPEED, INC.
Part # PTRA084808NF
Download  PTRA084808NF Download
File Size   881.06 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz

PTRA084808NF Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA084808NF Datasheet PDF - WOLFSPEED, INC.

Part # PTRA084808NF
Download  PTRA084808NF Click to download

File Size   881.06 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz

PTRA084808NF Datasheet (HTML) - WOLFSPEED, INC.


PTRA084808NF Product details

Description
The PTRA084808NF is a 550-watt LDMOS FET intended for use in multi-standard
cellular power amplifier applications in the 734 to 821 MHz frequency band. Features
include input matching, high gain and thermally-enhanced package with earless
flanges. Manufactured with Wolfspeed’s advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
Features
• Broadband internal matching
• Asymmetric design
- Main: P1dB = 200 W typical
- Peak: P1dB = 350 W typical
• Typical pulsed CW performance (class AB), 800
MHz, 48 V, 10 μs pulse width, 10% duty cycle,
Doherty configuration
- Output power at P3dB = 550 W
- Efficiency = 56%
- Gain = 18.5 dB
• Capable of handling 10:1 VSWR @ 48 V, 89 W (CW)
output power
• Integrated ESD protection
• Human Body Model Class 1C (per ANSI/ESDA/
JEDEC JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant




Similar Part No. - PTRA084808NF

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
More results


Similar Description - PTRA084808NF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB082817FH INFINEON-PTFB082817FH Datasheet
667Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Rev. 02, 2010-12-13
PTRA093818NF INFINEON-PTRA093818NF Datasheet
470Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
Rev. 05.1, 2017-08-16
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTVA120252MT CREE-PTVA120252MT Datasheet
530Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 ??1400 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
PTRA087008NB CREE-PTRA087008NB Datasheet
660Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 650 W, 48 V, 755 ??805 MHz
PTVA092407NF CREE-PTVA092407NF Datasheet
595Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 869 ??960 MHz
logo
WOLFSPEED, INC.
PTVA082407NF WOLFSPEED-PTVA082407NF Datasheet
733Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
Rev. 04.1, 2022-02-13
PTVA120252MT WOLFSPEED-PTVA120252MT Datasheet
553Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 25 W, 48 V, 500 – 1400 MHz
Rev. 04.1, 2022-02-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com