Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1425588 Datasheet (PDF) - PHOENIX CONTACT

1425588 Datasheet PDF - PHOENIX CONTACT
Part # 1425588
Download  1425588 Download
File Size   345.91 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MSL-4CON-M16XL/0,2 - Device connector, rear mounting

1425588 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425588 Datasheet PDF - PHOENIX CONTACT

Part # 1425588
Download  1425588 Click to download

File Size   345.91 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MSL-4CON-M16XL/0,2 - Device connector, rear mounting

1425588 Datasheet (HTML) - PHOENIX CONTACT


1425588 Product details

Device connector, rear mounting, Power, 4-position, Flush-type male connector, straight, M12-
Standard, coding: L , on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable
length: 0.2 m, 2.50 mm2, PEX litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1239519

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1425588

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425582 PHOENIX-1425582 Datasheet
368Kb / 11P
SACC-E-M12MSL-4FE-M16XL/0,2 GR - Device connector front mounting
1425583 PHOENIX-1425583 Datasheet
333Kb / 10P
SACC-E-M12FSL-4FE-M16XL/0,2 GR - Device connector front mounting
1425584 PHOENIX-1425584 Datasheet
308Kb / 8P
SACC-DSI-M12MSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425586 PHOENIX-1425586 Datasheet
363Kb / 11P
SACC-E-M12MSL-4CON-M16XL/0,2 - Device connector front mounting
More results


Similar Description - 1425588

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1415297 PHOENIX-1415297 Datasheet
254Kb / 8P
SACC-DSI-M12MSL-4FE-M16XL/0,2 - Device connector, rear mounting
1425586 PHOENIX-1425586 Datasheet
363Kb / 11P
SACC-E-M12MSL-4CON-M16XL/0,2 - Device connector front mounting
1425587 PHOENIX-1425587 Datasheet
329Kb / 10P
SACC-E-M12FSL-4CON-M16XL/0,2 - Device connector front mounting
1425589 PHOENIX-1425589 Datasheet
314Kb / 10P
SACC-DSI-M12FSL-4CON-M16XL/0,2 - Device connector, rear mounting
1415293 PHOENIX-1415293 Datasheet
459Kb / 11P
SACC-DSI-M12MSK-4PE-M16XL/0,2 - Device connector, rear mounting
1425582 PHOENIX-1425582 Datasheet
368Kb / 11P
SACC-E-M12MSL-4FE-M16XL/0,2 GR - Device connector front mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1415303 PHOENIX-1415303 Datasheet
423Kb / 11P
SACC-DSI-M12FSM-5PE-M16XL/0,2 - Device connector, rear mounting
1415299 PHOENIX-1415299 Datasheet
325Kb / 9P
SACC-DSI-M12FSL-4FE-M16XL/0,2 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com