Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1415299 Datasheet (PDF) - PHOENIX CONTACT

1415299 Datasheet PDF - PHOENIX CONTACT
Part # 1415299
Download  1415299 Download
File Size   325.16 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSL-4FE-M16XL/0,2 - Device connector, rear mounting

1415299 Datasheet (PDF)

Go To PDF Page Download Datasheet
1415299 Datasheet PDF - PHOENIX CONTACT

Part # 1415299
Download  1415299 Click to download

File Size   325.16 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSL-4FE-M16XL/0,2 - Device connector, rear mounting

1415299 Datasheet (HTML) - PHOENIX CONTACT


1415299 Product details

Device connector, rear mounting, Power, 5-position, Socket, straight, M12-Standard, coding: L,
on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable length: 0.2 m, 2.50 mm2,
PEX litz wire, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%)
item no.: 1239085

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1415299

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415292 PHOENIX-1415292 Datasheet
450Kb / 11P
SACC-E-M12FSK-4PE-M16XL/0,2 - Device connector front mounting
1415293 PHOENIX-1415293 Datasheet
459Kb / 11P
SACC-DSI-M12MSK-4PE-M16XL/0,2 - Device connector, rear mounting
1415294 PHOENIX-1415294 Datasheet
128Kb / 7P
Flush-type connector - SACC-DSI-M12FSK-4PE-M16XL/0,2
09/11/2020
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1415296 PHOENIX-1415296 Datasheet
336Kb / 9P
SACC-E-M12FSL-4FE-M16XL/0,2 - Device connector front mounting
More results


Similar Description - 1415299

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415296 PHOENIX-1415296 Datasheet
336Kb / 9P
SACC-E-M12FSL-4FE-M16XL/0,2 - Device connector front mounting
1425583 PHOENIX-1425583 Datasheet
333Kb / 10P
SACC-E-M12FSL-4FE-M16XL/0,2 GR - Device connector front mounting
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1415297 PHOENIX-1415297 Datasheet
254Kb / 8P
SACC-DSI-M12MSL-4FE-M16XL/0,2 - Device connector, rear mounting
1415338 PHOENIX-1415338 Datasheet
370Kb / 9P
SACC-DSI-M12FSL-4FE-M16XL-L180 - Device connector, rear mounting
1425587 PHOENIX-1425587 Datasheet
329Kb / 10P
SACC-E-M12FSL-4CON-M16XL/0,2 - Device connector front mounting
1425588 PHOENIX-1425588 Datasheet
345Kb / 10P
SACC-DSI-M12MSL-4CON-M16XL/0,2 - Device connector, rear mounting
1425589 PHOENIX-1425589 Datasheet
314Kb / 10P
SACC-DSI-M12FSL-4CON-M16XL/0,2 - Device connector, rear mounting
1415293 PHOENIX-1415293 Datasheet
459Kb / 11P
SACC-DSI-M12MSK-4PE-M16XL/0,2 - Device connector, rear mounting
1415303 PHOENIX-1415303 Datasheet
423Kb / 11P
SACC-DSI-M12FSM-5PE-M16XL/0,2 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com