Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1425630 Datasheet (PDF) - PHOENIX CONTACT

1425630 Datasheet PDF - PHOENIX CONTACT
Part # 1425630
Download  1425630 Download
File Size   319.33 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSL4FEM16/0,2GR-1,5 - Device connector, rear mounting

1425630 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425630 Datasheet PDF - PHOENIX CONTACT

Part # 1425630
Download  1425630 Click to download

File Size   319.33 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSL4FEM16/0,2GR-1,5 - Device connector, rear mounting

1425630 Datasheet (HTML) - PHOENIX CONTACT


1425630 Product details

Device connector, rear mounting, Power, 5-position, Flush-type female connector, straight, M12-
Standard, coding: L , on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable
length: 0.2 m, 1.31 mm2, UL/cUL stranded hook-up wire, Alternative product in accordance with
RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239544

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1425630

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425631 PHOENIX-1425631 Datasheet
363Kb / 11P
SACC-E-M12MSL4CONM16XL/0,2-1,5 - Device connector front mounting
1425632 PHOENIX-1425632 Datasheet
111Kb / 7P
Flush-type connector - SACC-E-M12FSL4CONM16XL/0,2-1,5
09/12/2020
1425633 PHOENIX-1425633 Datasheet
346Kb / 10P
SACC-DSI-M12MSL4CONM16/0,2-1,5 - Device connector, rear mounting
1425634 PHOENIX-1425634 Datasheet
109Kb / 6P
Flush-type connector - SACC-DSI-M12FSL4CONM16/0,2-1,5
09/12/2020
1425635 PHOENIX-1425635 Datasheet
464Kb / 12P
SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting
More results


Similar Description - 1425630

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425627 PHOENIX-1425627 Datasheet
366Kb / 11P
SACC-E-M12MSL4FEM16XL/0,2GR-1,5 - Device connector front mounting
1425584 PHOENIX-1425584 Datasheet
308Kb / 8P
SACC-DSI-M12MSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425590 PHOENIX-1425590 Datasheet
349Kb / 9P
SACC-DSI-M12MSL4FEM16XL-L180GR - Device connector, rear mounting
1425629 PHOENIX-1425629 Datasheet
351Kb / 10P
SACC-DSI-M12MSL4FEM16/0,2GR-1,5 - Device connector, rear mounting
1425638 PHOENIX-1425638 Datasheet
424Kb / 11P
SACC-DSI-M12FSK4PE-M16/0,2-1,5 - Device connector, rear mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425633 PHOENIX-1425633 Datasheet
346Kb / 10P
SACC-DSI-M12MSL4CONM16/0,2-1,5 - Device connector, rear mounting
1425591 PHOENIX-1425591 Datasheet
362Kb / 9P
SACC-DSI-M12FSL4FEM16XL-L180GR - Device connector, rear mounting
1425637 PHOENIX-1425637 Datasheet
448Kb / 11P
SACC-DSI-M12MSK4PE-M16/0,2-1,5 - Device connector, rear mounting
1239521 PHOENIX-1239521 Datasheet
315Kb / 8P
SACC-DSI-M12MSL4FEM16XL-L180GRX - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com