Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1425635 Datasheet (PDF) - PHOENIX CONTACT

1425635 Datasheet PDF - PHOENIX CONTACT
Part # 1425635
Download  1425635 Download
File Size   464.51 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting

1425635 Datasheet (PDF)

Go To PDF Page Download Datasheet
1425635 Datasheet PDF - PHOENIX CONTACT

Part # 1425635
Download  1425635 Click to download

File Size   464.51 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting

1425635 Datasheet (HTML) - PHOENIX CONTACT


1425635 Product details

Device connector front mounting, Power, 5-position, Flush-type male connector, straight, M12-
Standard, coding: K , on free cable end, Front mounting, Square flange, Individual wires, cable
length: 0.2 m, 1.31 mm2, UL/cUL stranded hook-up wire, Alternative product in accordance with
RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239549

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1425635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425630 PHOENIX-1425630 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FEM16/0,2GR-1,5 - Device connector, rear mounting
1425631 PHOENIX-1425631 Datasheet
363Kb / 11P
SACC-E-M12MSL4CONM16XL/0,2-1,5 - Device connector front mounting
1425632 PHOENIX-1425632 Datasheet
111Kb / 7P
Flush-type connector - SACC-E-M12FSL4CONM16XL/0,2-1,5
09/12/2020
1425633 PHOENIX-1425633 Datasheet
346Kb / 10P
SACC-DSI-M12MSL4CONM16/0,2-1,5 - Device connector, rear mounting
1425634 PHOENIX-1425634 Datasheet
109Kb / 6P
Flush-type connector - SACC-DSI-M12FSL4CONM16/0,2-1,5
09/12/2020
More results


Similar Description - 1425635

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415296 PHOENIX-1415296 Datasheet
336Kb / 9P
SACC-E-M12FSL-4FE-M16XL/0,2 - Device connector front mounting
1425583 PHOENIX-1425583 Datasheet
333Kb / 10P
SACC-E-M12FSL-4FE-M16XL/0,2 GR - Device connector front mounting
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1415300 PHOENIX-1415300 Datasheet
470Kb / 12P
SACC-E-M12MSM-5PE-M16XL/0,2 - Device connector front mounting
1415292 PHOENIX-1415292 Datasheet
450Kb / 11P
SACC-E-M12FSK-4PE-M16XL/0,2 - Device connector front mounting
1425586 PHOENIX-1425586 Datasheet
363Kb / 11P
SACC-E-M12MSL-4CON-M16XL/0,2 - Device connector front mounting
1425587 PHOENIX-1425587 Datasheet
329Kb / 10P
SACC-E-M12FSL-4CON-M16XL/0,2 - Device connector front mounting
1425631 PHOENIX-1425631 Datasheet
363Kb / 11P
SACC-E-M12MSL4CONM16XL/0,2-1,5 - Device connector front mounting
1425582 PHOENIX-1425582 Datasheet
368Kb / 11P
SACC-E-M12MSL-4FE-M16XL/0,2 GR - Device connector front mounting
1425636 PHOENIX-1425636 Datasheet
439Kb / 11P
SACC-E-M12FSK4PE-M16XL/0,2-1,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com